Electronic Components Datasheet Search
  English  ▼

X  

7901786 Datasheet(PDF) 2 Page - SICK AG

Part # 7901786
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7901786 Datasheet(HTML) 2 Page - SICK AG

  7901786 Datasheet HTML 1Page - SICK AG 7901786 Datasheet HTML 2Page - SICK AG 7901786 Datasheet HTML 3Page - SICK AG 7901786 Datasheet HTML 4Page - SICK AG 7901786 Datasheet HTML 5Page - SICK AG 7901786 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MQ10-60ANSKT0 | MQB
MAGNETIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
MQ10-60ANSKT0
1078009
Other models and accessories
www.sick.com/MQB
Detailed technical data
Features
Housing
Rectangular
Dimensions (W x H x D)
10 mm x 28 mm x 16 mm
Sensing range Sn
0 mm ... 60 mm 1)
Safe sensing range Sa
48.6 mm
Magnetic sensitivity
≤ 1 mT
Switching frequency
1,000 Hz
Connection type
Connector M8, 3-pin
Switching output
NPN
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP67 2)
1) Sensing range based on installation in non-magnetic material using Magnet MAG-3010-B (M4.0).
2) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 % 1)
Voltage drop
≤ 1.5 V 2)
Current consumption
5 mA 3)
Time delay before availability
≤ 26 ms
Hysteresis
1 % ... 10 %
Reproducibility
≤ 1 % 4)
1) Of VS.
2) At Ia max.
3) Without load.
4) Von Sr (VS und Ta constant).
2
MAGNETIC SENSORS | SICK
Product data sheet | 2024-01-09 09:31:39
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com