Electronic Components Datasheet Search
  English  ▼

X  

IRF520FI Datasheet(PDF) 7 Page - STMicroelectronics

Part # IRF520FI
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF520FI Datasheet(HTML) 7 Page - STMicroelectronics

  IRF520FI Datasheet HTML 1Page - STMicroelectronics IRF520FI Datasheet HTML 2Page - STMicroelectronics IRF520FI Datasheet HTML 3Page - STMicroelectronics IRF520FI Datasheet HTML 4Page - STMicroelectronics IRF520FI Datasheet HTML 5Page - STMicroelectronics IRF520FI Datasheet HTML 6Page - STMicroelectronics IRF520FI Datasheet HTML 7Page - STMicroelectronics IRF520FI Datasheet HTML 8Page - STMicroelectronics IRF520FI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
IRF520/FI
7/9



Html Pages

1 2 3 4 5 6 7 8 9