Electronic Components Datasheet Search
  English  ▼

X  

FMMARRM02 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMMARRM02
Description  Casting Heavy Duty 4-way Ratchet Marine mount with Standard 1”-14 male threads for marine antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMARRM02 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMMARRM02 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMARRM02 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
REV 1 Page 1 of 2
Copyright © 2020
Casting Heavy Duty 4-way Ratchet Marine mount
with Standard 1”-14 male threads for marine
antenna
Features:
• Stainless steel marine
grade mount
• Dual swivel rachet style
• 1”-14 male threaded
• Heavy duty
• Mirror polish
• Anti corrosion material
• Flat base fixture
Applications:
• Marine antenna mounts
• Marine communication: VHF,
GPS, satellite phones
• Navigation: Radar,
sonar, depth finders
• Fishing: Fish finders, sonar-
based equipment
• Entertainment: Satellite
TV, radio systems
• Emergency services: Search
and rescue operations
The Fairview FMMARRM02 dual swivel rachet style antenna mount is offered for
marine and omnidirectional antennas. This marine antenna mount is constructed of
anti-corrosion stainless steel with a mirror polish. Our heavy-duty mount is ideal for
marine communication, fishing, navigation, entertainment, and emergency services.
The working temperature range for our dual swivel rachet-style installation is -40
to 80 degrees Celsius. The FMMARRM02 marine antenna mount from Fairview is
available in 8-inch length, 2.52-inch width, and 5.5-inch height. This antenna mount
has a flat base fixture and 1”-14 male threads, making it suited for use with search
and rescue equipment, satellite TV, radio systems, radar, sonar, depth finders,
VHF, GPS, satellite phones, fish finders, and sonar-based equipment applications.
Fairview has one of the largest in-stock selections of marine grade dual swivel rachet style
antenna mounts for international and domestic orders. Make your online purchase right now
to take advantage of our same-day shipping. For further information on similar products,
our expert technical support and knowledgeable sales team can help you get the perfect
stainless steel marine antenna mount for your requirements.
Mechanical Specifications
Size
Length
8 in [203.2 mm]
Width
2.52 in [64.01 mm]
Height
5.5 in [139.7 mm]
.
Weight
1.32 lbs [598.74 g]
Environmental Specifications
Operating Temperature, Min
-40 deg C
Operating Temperature, Max
80 deg C
Material
Stainless Steel
Casting Heavy Duty 4-way Ratchet Marine mount with Standard 1”-14 male
threads for marine antenna from Fairview Microwave is in-stock and available to
ship same-day. All of our RF/microwave products are available off-the-shelf from
our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is
RF on-demand.
For additional information on this product, please click the following link: Casting
Heavy Duty 4-way Ratchet Marine mount with Standard 1”-14 male threads for
marine antenna
URL:
FMMARRM02
DATA SHEET


Similar Part No. - FMMARRM02

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMARRM01 FAIRVIEW-FMMARRM01 Datasheet
447Kb / 2P
Reinforced ABS 4-way Ratchet Marine mount with Standard 1”-14 male threads for marine antenna
REV 1 A
More results

Similar Description - FMMARRM02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
VHF MARINE TRANSCEIVER
logo
Chicago Miniature Lamp,...
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
Marine Halogen Lamp
logo
Advantech Co., Ltd.
FPM-8232V ADVANTECH-FPM-8232V Datasheet
534Kb / 2P
23 UXGA Marine Grade Monitor with
logo
List of Unclassifed Man...
WS01B305151 ETC2-WS01B305151 Datasheet
2Mb / 13P
Heavy Duty Screw Mount Antenna
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
Heavy Duty Screw Mount Antenna
IMA01105111 TAOGLAS-IMA01105111 Datasheet
1Mb / 12P
External Iridium Marine Antenna
logo
GS Yuasa Battery Sales ...
GS-M31-100S GSYUASABATTERY-GS-M31-100S Datasheet
486Kb / 1P
GS Marine Battery
GS-M31-EFB GSYUASABATTERY-GS-M31-EFB Datasheet
294Kb / 1P
GS Marine Battery
logo
Littelfuse
M-489 LITTELFUSE-M-489 Datasheet
441Kb / 1P
MARINE IGNITION SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com