Electronic Components Datasheet Search
  English  ▼

X  

FMNPMMAT Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMNPMMAT
Description  Non-Penetrating Antenna Roof Mount - Rubber Mat
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMNPMMAT Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMNPMMAT Datasheet HTML 1Page - Infinite Electronics International, Inc. FMNPMMAT Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
REV 1 Page 1 of 2
Copyright © 2020
Non-Penetrating Antenna Roof Mount - Rubber Mat
Features:
• 3/16” thick high density rubber
• Placed directly on the roof
• Improves surface tension
• Reduces imprints or cuts
to the roof surface
• Weather resistant for long-
lasting performance
Applications:
• Two (2) mats for peak
roof mounts
• One (1) mat for flat roof mounts
• Can be used for ergonomics
• Protective layer between
roof surface and mounts
• Protect surfaces from scratches,
marring, or gouging
Fairview Microwave’s FMNPMMAT non-penetrating antenna roof mount rubber mat
reduces cuts or imprints on the roof surface while offering maximum surface tension.
The NPM rubber mat is 3/16 inches thick measuring 39 inches wide by 39 inches long.
This FMNPMMAT non-penetrating antenna roof mount rubber mat offers a protective
layer between the roof surface and non-penetrating mounts and is weather resistant
for long-lasting performance. Peak roof mounts require two (2) mats, while flat
roof mounts just need one (1) mat. The ergonomic benefits of this rubber mat
include its ability to prevent surfaces from being scratched, marred, or gouged.
Fairview Microwave has one of the largest in-stock selection of non-penetrating antenna
roof mount rubber mat for international and domestic orders. Make your online purchase
right now to take advantage of our same-day shipping. For further information on similar
products, our expert technical support and knowledgeable sales team can help you get
the perfect non-penetrating antenna roof mount rubber mat for your requirements.
.
Mechanical Specifications
Size
Length
40.55 in [103 cm]
Width
5.9 in [149.86 mm]
Height
5.9 in [149.86 mm]
.
Weight
5.46 lbs [2.48 kg]
Environmental Specifications
Operating Temperature, Min
-40 deg C
Operating Temperature, Max
80 deg C
Package Quantity
1
Non-Penetrating Antenna Roof Mount - Rubber Mat from Fairview Microwave is
in-stock and available to ship same-day. All of our RF/microwave products are
available off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville,
Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: Non-
Penetrating Antenna Roof Mount - Rubber Mat
URL: https://www.fairviewmicrowave.com/non-penetrating-antenna-roof-
mount-rubber-mat-fmnpmmat-p.aspx
FMNPMMAT
DATA SHEET


Similar Part No. - FMNPMMAT

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FMN JST-FMN Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
logo
Sanken electric
FMN-1056S SANKEN-FMN-1056S Datasheet
167Kb / 4P
Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
137Kb / 5P
Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
138Kb / 5P
Silicon Diode
FMN-1206S SANKEN-FMN-1206S Datasheet
170Kb / 7P
Fast Recovery Diode
More results

Similar Description - FMNPMMAT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAANIN0050 MACOM-MAANIN0050 Datasheet
106Kb / 1P
Automotive Roof Mount XM Satellite Digital Radio Antenna
MAANIN0055 MACOM-MAANIN0055 Datasheet
113Kb / 1P
Automotive Roof Mount Sirius Satellite Digital Radio Antenna
logo
List of Unclassifed Man...
MRF-190 ETC2-MRF-190 Datasheet
398Kb / 1P
ROOF MOUNT VENTILATING
MRF-220 ETC2-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
L154 PULSE-L154 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Raltron Electronics Cor...
RMT-MB6C3-80-1M-H-001 RALTRON-RMT-MB6C3-80-1M-H-001 Datasheet
172Kb / 1P
RUBBER ANTENNA
logo
Mechatronics, Inc.
MRF-220 MECHATRONICS-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
logo
Bertech.
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com