Electronic Components Datasheet Search
  English  ▼

X  

CLB-305 Datasheet(PDF) 1 Page - General Devices Company, Inc.

Part # CLB-305
Description  Ball Bearing Slide Mounting Brackets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALDEVICES [General Devices Company, Inc.]
Direct Link  https://www.generaldevices.com/
Logo GENERALDEVICES - General Devices Company, Inc.

CLB-305 Datasheet(HTML) 1 Page - General Devices Company, Inc.

  CLB-305 Datasheet HTML 1Page - General Devices Company, Inc. CLB-305 Datasheet HTML 2Page - General Devices Company, Inc. CLB-305 Datasheet HTML 3Page - General Devices Company, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.generaldevices.com
Phone: 317-897-7000
Email: sales@generaldevices.com
ISO 9001:2000 Registered
CM1/Ext. CM2/Ext. CM3/Ext. CM4/Ext. CM5/Ext. CM6/Ext. CM7/Ext. CM8/Ext. CM9/Ext. CM11/Ext. CM12/Ext.
LBS-11
●/1.00
●/1.00
●/3.16
●/6.16
●/1.00
●/2.40
LBS-12
●/1.00
●/1.00
●/3.16
●/6.16
●/1.00
●/2.40
LBS-O
●/1.00
●/1.00
●/3.16
●/6.16
●/1.00
●/2.40
LBS-21
●/1.45
LBS-22
●/1.45
LBS-32
●/1.45
CLB-203
●/1.36
●/1.36
●/3.53
●/6.53
●/1.36
●/2.77
CLB-223
●/1.19
CLB-305
●/1.77
●/1.77
CLB-307
●/1.36
●/1.36
●/3.53
●/6.53
●/1.36
●/2.77
CLB-315
●/1.00
●/1.00
●/3.16
●/6.16
●/1.00
●/2.40
Matrix For Ball Bearing Slides & Appropriate Cabinet Mounting Brackets with Maximum Extension
CM14/Ext.
●/6.16
●/6.16
●/6.16
●/6.16
●/6.16
●/6.16
Ball Bearing Slide Mounting Brackets
CM 1
CM 2
CM 3
CM 4
48


Similar Part No. - CLB-305

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
More results

Similar Description - CLB-305

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-481BW KEPONT-KEST-481BW Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
SICK AG
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
logo
SparkFun Electronics
ROB-12245 SPARKFUN-ROB-12245 Datasheet
98Kb / 1P
Ball Bearing Hub
2/4/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com