Electronic Components Datasheet Search
  English  ▼

X  

303 Datasheet(PDF) 1 Page - 3M Electronics

Part # 303
Description  3M™ Low Profile Header .100” × .100” Straight and Right Angle, Four-Wall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

303 Datasheet(HTML) 1 Page - 3M Electronics

  303 Datasheet HTML 1Page - 3M Electronics 303 Datasheet HTML 2Page - 3M Electronics 303 Datasheet HTML 3Page - 3M Electronics 303 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Low Profile Header
.100” × .100” Straight and Right Angle, Four-Wall
303 Series
3
Electronic Solutions Division
Interconnect Solutions
www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
• All over gold flash
• Sturdy body
• End windows
• Low cost
• Straight or right angle
• Ejector/latch option not available
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS compliance” section
of www.3Mconnectors.com for compliance
information (RIA E1 & C1 apply)
Date Modified: April 11, 2012
TS-0818 -C
Sheet 1 of 3
Physical
Insulation:
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Black
Contact:
Material: Brass
Plating:
Underplating: 30 μ” [ 0.76 μm ] Nickel
Wiping Area and Solder Tails: Gold Flash
Marking: Orientation Triangle
Electrical
Current Rating: 1 A
Insulation Resistance: >1 x 109 Ω at 500 V
DC
Withstanding Voltage: 500 V
RMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Temperature: Maximum insulator temperature 191°C max, solder wave process only
UL File No.: E68080


Similar Part No. - 303

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
303 DBLECTRO-303 Datasheet
310Kb / 1P
SCREW TYPE SERIES
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Energizer
303 ENERGIZER-303 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
logo
Enercon Technologies Eu...
303 ENERCON-303 Datasheet
820Kb / 3P
IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
October 24, 2021
More results

Similar Description - 303

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M??Three-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
80400031292 3M-80400031292 Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
15-Dec-2011
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
30306-5002HB 3M-30306-5002HB Datasheet
787Kb / 4P
100 x 100 Straight and Right Angle, Four-Wall
11-Apr-2012
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
30326-6002HB 3M-30326-6002HB Datasheet
787Kb / 4P
.100 × .100 Straight and Right Angle, Four-Wall
11-Apr-2012
N2524-6002RB 3M-N2524-6002RB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com