Electronic Components Datasheet Search
  English  ▼

X  

6000 Datasheet(PDF) 4 Page - 3M Electronics

Part # 6000
Description  6000 Series Full Face Respirators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6000 Datasheet(HTML) 4 Page - 3M Electronics

  6000 Datasheet HTML 1Page - 3M Electronics 6000 Datasheet HTML 2Page - 3M Electronics 6000 Datasheet HTML 3Page - 3M Electronics 6000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Use Limitations
1. These respirators do not supply oxygen.
Do not use in oxygen deficient atmospheres *
2. Do not use for respiratory protection against atmospheric
contaminants which have poor warning properties, are
unknown or immediately dangerous to life and health or
against chemicals which generate high heats of reaction with
chemical filters.
(The 3M S-200 Supplied-Air Respirator System can be used
against contaminants with poor warning properties, subject to
other use limitations)
3. Do not modify or alter this device.
4. The assembled respirator may not provide a satisfactory face
seal with certain physical characteristics (such as beards or
large side burns) resulting in leakage between the facepiece
and the face, the user assumes all risks of bodily injury which
may possibly result.
5. Do not use with unknown concentrations of contaminants.
6. Do not use for escape purposes.
7. Leave the work area immediately and check the integrity of the
respirator and replace facepiece and/or filters if:
i) Damage has occurred or is apparent.
ii) Breathing becomes difficult or increased breathing
resistance occurs.
iii) Dizziness or other distress occurs.
iv) You taste or smell the contaminant or an irritation
occurs.
8. Store this device in a sealed container away from contaminated
areas when not in use.
9. Use strictly in accordance with face piece and filter
instruction leaflet.
* 3M definition minimum 19.5% by volume oxygen.
Respiratory protection is only effective if it is correctly selected,
fitted and worn throughout the time when the wearer is exposed
to respiratory contaminants.
3M offers advice on the selection of products, and training in the
correct fitting and usage.
For advice on 3M Product Selection, ring the 3M Health and
Safety Helpline on 0870 60 800 60. For callers within the
Republic of Ireland, call 1-800-320 500.
C
G
E
B
F
D
H
Neck Strap
A
B
Occupational Health Group
Occupational Health Group
3M United Kingdom PLC
3M Ireland
3M Centre
3M House, Adelphi Centre,
Cain Road, Bracknell
Upper Georges St.
Berkshire RG12 8HT
Dun Laoghaire, Co. Dublin, Ireland
Tel: 0870 60 800 60
Tel: 1 800 320 500
www.3m.com/uk/ohes
ohes.helpline.uk@mmm.com
3
3M Spare Parts and Accessories
Part No.
Description
7583
(A)
Exhalation valve
6893
(B)
Inhalation valve
6895
(C)
6000 Series gaskets
6897
(D)
Head harness assembly
6898
(E)
Lens assembly kit
6878
(F)
Spectacle kit
6885
(G)
Lens covers (100 pack)
7883
(H)
Neck strap Assembly
501
Retainer for 5911/5925/5935
603
Particulate filter platform
105
Facepiece cleaner



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com