Electronic Components Datasheet Search
  English  ▼

X  

6054 Datasheet(PDF) 2 Page - 3M Electronics

Part # 6054
Description  6000 Series Full Face Respirators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6054 Datasheet(HTML) 2 Page - 3M Electronics

  6054 Datasheet HTML 1Page - 3M Electronics 6054 Datasheet HTML 2Page - 3M Electronics 6054 Datasheet HTML 3Page - 3M Electronics 6054 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Particulates
FILTER
HAZARD
INDUSTRY
5911 P1 R
Particulates
- Pharmaceutical /
5925 P2 R
(Fine Dusts
Powdered Chemicals
5935 P3 R
and Mists)
- Construction / Quarrying
2125 P2 R
- Ceramics / Refractory Materials
2135 P3 R
- Foundries
6035 P3 R
- Agriculture
(EN143
- Woodworking
:2000)
- Food Industry
2128 P2 R
Particulates
- Welding
2138 P3 R
and nuisance - Paper Industry
(EN143
levels of
- Brewing
:2000)
Organic
- Chemical Processing
Vapours and
- Typical Smog
Acid Gases
- Inks and Dyes
Approvals
The 3M 6000 Series full face masks and 6000 / 5000 / 2000
Series filters have been shown to meet the Basic Safety
Requirements under Article 10 and 11 B of the European
Community Directive 89/686, and are thus CE-marked.
• Approval body for the facepieces:
BSI identification number 0086
• Body involved in Quality Assurance Assessment:
BSI identification number 0086
Materials
• Facepiece
-
Silicone
• Head Harness
-
Silicone Rubber
• Inhale Valve
-
Natural Rubber
• Exhale Valve
-
Silicone Rubber
• Gasket
-
Silicone Rubber
• Filter Body (6000)
-
Polystyrene
• Filter Element (6000)
-
Activated/Treated Carbon
• Filter Material (5911 /
-
Polypropylene
5925 / 5935 and 2000 Series)
• Lens
-
Polycarbonate
Maximum Product Weight:
- With filters
850 grams
- Without filters
410 grams
Standards
These products have been tested to the relevant European
Standards (EN136 (class I), EN141, EN143, EN371, EN14387) and
have met the requirements shown below:
• Facepiece EN136 (6700, 6800, 6900)
• Filter Performance EN143:2000
(5911, 5925, 5935, 6035, 6038, 2000 Series)
EN141:2000 (6054, 6057, 6059, 6075, 6096, 6099)
EN371 (6098)
EN14387:2004 (6051, 6055)
• Flammability EN136 (6700, 6800, 6900)
• Visor - Eye protection to EN166:2001 B. Protection against
medium energy high speed particles (120m/s).
Correct Usage
The 6000 Series full facepieces when fitted with 6000 Series gas
/ vapour filters may be used in concentrations of gases or
vapours (types specified by 3M) up to 20 times WEL* or 1000
ppm (5000 ppm for 6055 / 6099) whichever value is lower (APF =
20)**. Gas / vapour filters should not be used to protect the
wearer against a gas or vapour that has poor warning properties
(smell or taste).
• The 6000 Series full facepieces when used in conjunction with
the 5911 filter may be used in concentrations of solid and
aqueous aerosols up to 4 times WEL (APF = 4).
• The 6000 Series full facepieces when used in conjunction with
the 5925, 2125, or 2128 filters may be used in concentrations
of particulates up to 10 times WEL (APF = 10).
• The 6000 Series full facepieces when used in conjunction with
the 5935, 2135, 6035, 6038, or 2138 may be used in
concentrations of particulates up to 40 times WEL (APF = 40).
• The 6000 Series full facepieces when used in conjunction with
the 2128 and 2138 may be used to protect against ozone up to
10 times WEL (APF = 10) and offer relief from nuisance odours
and acid gases below the WEL.
• The 6000 Series facepieces when used with the 6038 filter
may be used to protect against Hydrogen Fluoride gas up to
30ppm and offer relief from Ozone, Organic Vapours and acid
gases below WEL.
• The 6000 Series full facepieces when used in conjunction with
the 6075 filter may be used to protect against organic vapours
as outlined above and against formaldehyde vapour up to 10
times WEL (APF = 10).
• For use limitations on 6000 Series full facepieces fitted
with 6098 filters, please contact 3M.
*WEL - Workplace Exposure Limit
** APF - Assigned Protection Factor
6038 P3 R
(EN143
:2000)
Aluminium
Agriculture
Pharmaceutical
Welding
Particulates,
Hydrogen
Fluoride Gas
up to 30ppm
and relief
from Ozone,
Organic
Vapours and
Acid Gases
below WEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com