Electronic Components Datasheet Search
  English  ▼

X  

6099 Datasheet(PDF) 3 Page - 3M Electronics

Part # 6099
Description  6000 Series Full Face Respirators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6099 Datasheet(HTML) 3 Page - 3M Electronics

  6099 Datasheet HTML 1Page - 3M Electronics 6099 Datasheet HTML 2Page - 3M Electronics 6099 Datasheet HTML 3Page - 3M Electronics 6099 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fitting Instructions
Fitting instructions must be followed each time the respirator is
worn.
1. Fully loosen all
four head straps,
then place the
harness at back of
head and position
facepiece over the
face.
2. Pull the ends of
the four straps to
adjust tightness,
starting with the
neck straps first,
then the forehead
straps. Do not over
tighten the head
straps.
3. Perform a positive
and/or negative
pressure fit check
each time the
respirator is donned.
Cleaning and Storage
For cleaning after use the 3M 105 face piece cleaner can be used
• Disassemble by removing the filters and nose cup.
• The centre adapter, lens and faceseal can also be removed if
necessary.
• Clean and sanitise the facepiece (excluding cartridges and filters)
by immersing in warm cleaning solution and scrub with soft brush
until clean. Parts may also be cleaned in a washer.
Note : Water temperature should not exceed 50°C. Do not use
cleaning agents that contain lanolin or other oils.
• Disinfect respirator by soaking in a solution of quaternary
ammonia disinfectant or sodium hypochlorite (50ppm chlorine).
• Rinse in fresh, warm water and air dry in a non-contaminated
atmosphere. Drying temperatures must not exceed 50°C.
• Respirator components, especially exhalation valve and seat,
should be inspected prior to each use. Any damaged or
deteriorated components should be replaced.
• The cleaned respirator should be stored at ambient temperature in
a dry non-contaminated atmosphere.
Face Fitting
Positive pressure facefit check:
• Place the palm of the hand over the exhalation valve cover and
exhale gently.
• If the facepiece bulges slightly and no air leaks between the
face and the facepiece are detected, a proper fit has been
achieved.
• If air leakage is detected, reposition the respirator on the face
and/or readjust the tension of the straps to eliminate the
leakage.
• Repeat the above facefit check.
Negative pressure facefit check:
• For the 2000 Series filters, press your thumbs into the central
indentation of the filters, inhale gently and hold your breath for
five or ten seconds.
• For the 6035 and 6038 filters, pinch the filter between thumb
and fingers to seal the filter cover to the body of the filter,
inhale gently and hold your breath for five or ten seconds. If the
facepiece collapses slightly a proper fit has been achieved.
• If air leakage is detected, reposition the respirator on the face
and/or readjust the tension of the straps to eliminate the
leakage.
• Repeat the above facefit check.
Fit Testing
The 6000 Full Face Mask is a tight fitting facepiece and therefore
requires a fit test per wearer before use as per the COSHH regula-
tions 2002.
For quantitative fit testing - the 3M 601 adaptor is available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com