Electronic Components Datasheet Search
  English  ▼

X  

501 Datasheet(PDF) 1 Page - 3M Electronics

Part # 501
Description  6000 Series Full Face Respirators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

501 Datasheet(HTML) 1 Page - 3M Electronics

  501 Datasheet HTML 1Page - 3M Electronics 501 Datasheet HTML 2Page - 3M Electronics 501 Datasheet HTML 3Page - 3M Electronics 501 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gas/Vapour
FILTER
HAZARD
INDUSTRY
6051/6055
Organic
- Anywhere conventional paints
(A1/A2)
Vapours
are used (subject to usage
conditions)
- Vehicle manufacture
- Aircraft manufacture and
refurbishment
- Boat building
- Ink and Dye manufacture and use
- Adhesive manufacture and use
- Paint and varnish manufacture
- Resin manufacture and use
6054
Ammonia
- Manufacture and Maintenance
(K1)
of refrigeration equipment
- Agrochemicals
6057
Organic
As 6051 but also:
(ABE1)
Vapours,
- Electrolytic processes
Inorganic
- Acid Cleaning
and Acid
- Metal Pickling
Gases
- Metal Etching
6059
Organic
As 6057 and 6054
(ABEK1)
Vapours,
Inorganic
Gases, Acid
Gases and
Ammonia
6075
Organic
As 6051 but also :
(A1) + For-
Vapours
- Hospitals and Laboratories
maldehyde
and For-
maldehyde
6096 HgP3
Mercury and Laboratories and particulate
particulates
applications
6098
Organic
- Chemical Industry
(AXP3)
Vapours
(boiling
below 65°C)
and
Particulates
6099
Organic
As 6059 but also particulate
(ABEK2
Vapours,
applications
P3)
Inorganic
Gases, Acid
Gases and
Ammonia
6000 Series Full Face
Respirators
Data Sheet
Main Features
The 6000 Series Full Face Respirators are used with twin
lightweight filters which are fitted by a simple bayonet
attachment system, providing an economical and flexible choice.
The Respirators can also be used with the 3M S-200 Supplied-Air
System for increased convenience and flexibility.
• Lightweight and well balanced
• Flexible system (gas / vapour and / or particulate filters
plus Supplied-Air option)
• Silicone facepiece material
• Easy to use
• Wide field of vision and impact resistance with a
polycarbonate lens.
• 3 sizes (6700 - small, 6800 - medium, 6900 - large)
• Low maintenance
• Economical
• Spectacle kit available
Applications
The 6000 Series full facepieces can be used with a variety of
different filter / product options :
• Gas and vapour filters - The 6000 Series filters fit directly
onto the 6000 Series full facepieces.
• Particulate filters - The 2000 Series, 6035 and 6038
particulate filters fit directly onto the 6000 Series full facepiece.
The 5911/5925/5935 particulate filters may be used on their
own with platform 603 & retainer 501.
• A combination of gas / vapour and particulate filters - The
5911 / 5925 / 5935 particulate filters can be used with 6000
Series gas / vapour filters using retainer 501.
• Supplied-Air mode using the 3M S-200 Respirator System
(For information on the Supplied-Air System and applications
please see the 3M S-200 Data Sheet).
The table below lists the filters and typical industrial
applications.
3


Similar Part No. - 501

ManufacturerPart #DatasheetDescription
logo
Littelfuse
501 LITTELFUSE-501 Datasheet
346Kb / 4P
Surface Mount Fuses
logo
Oscilent Corporation
501 OSCILENT-501 Datasheet
141Kb / 2P
HCMOS / TTL / Clipped Sine
logo
Laird Tech Smart Techno...
501 LSTD-501 Datasheet
620Kb / 2P
NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
logo
GS Yuasa Battery Sales ...
501 GSYUASABATTERY-501 Datasheet
381Kb / 1P
Capacity (20-hour) 85Ah
More results

Similar Description - 501

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
989K008732 ADVANTECH-989K008732 Datasheet
2Mb / 3P
plate for ARK-6000 series
logo
3M Electronics
3M9913 3M-3M9913 Datasheet
702Kb / 4P
DATA SHEET FOR SPECIALITY RESPIRATORS
logo
Keysight Technologies
MSOX6002A KEYSIGHT-MSOX6002A Datasheet
2Mb / 41P
InfiniiVision 6000 X-Series Oscilloscopes
MSOX6004A KEYSIGHT-MSOX6004A Datasheet
2Mb / 41P
InfiniiVision 6000 X-Series Oscilloscopes
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
InfiniiVision 6000 X-Series Oscilloscopes
DSOXDVMCTR KEYSIGHT-DSOXDVMCTR Datasheet
2Mb / 41P
InfiniiVision 6000 X-Series Oscilloscopes
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
3M Electronics
FF-400 3M-FF-400 Datasheet
1Mb / 8P
3M??Reusable Respirators
3064 3M-3064 Datasheet
162Kb / 2P
Particulate Respirators 8511 and 8211, N95
4060 3M-4060 Datasheet
912Kb / 2P
Half Facepiece Respirators 7500 Series, Ultimate Reusable
7/1/09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com