Electronic Components Datasheet Search
  English  ▼

X  

SMP220 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # SMP220
Description  Ultra-High Precision Multi-Axis Motion Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

SMP220 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  SMP220 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. SMP220 Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
More Flexibility
• 2D and 3D contouring
- Measurement of spherical, aspheric and
cylindrical shapes (Application example:
precision opticalcomponent measurement)
- Scanning or point-to-point motion profiles
- Available in multiple configurations
• Generic high-speed electrical interface
between the motion and sensor controller
• Open architecture software to integrate a
large variety of sensors such as white light
or multi-wavelength interferometers, camera
systems or capacitive probes
• Easy-to-use, advanced motion algorithms
ease motion profile generation
Higher Precision
• Axis repeatability in the low nanometer range
• Nanometer-level minimum incremental motion
(resolution)
• Ultra-smooth motion even at very low velocities
Reduced Processing Time
• Save up to 40% of measurement time compared
with conventional Cartesian systems
• Real-time communication between motion and
sensor controller provides synchronization of
measurement and position data
• Fast data access during the measurement and
intelligent data management
Minimal Footprint
• 60% footprint savings compared to Cartesian
systems
Advance to the next level of surface measurement technology by utilizing Aerotech’s
Surface
Measurement Motion Platform (SMP). The SMP is a complete multi-axis motion system that is
specifically designed to provide an ideal motion platform for surface measurement applications.
The SMP is optimized to provide more flexibility in 2D and 3D contouring, higher precision with
nanometer resolution, significantly reduced processing time and minimal footprint.
Aerotech’s Surface Measurement Platform
SMP Benefits
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com