Electronic Components Datasheet Search
  English  ▼

X  

X-AXIS Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # X-AXIS
Description  Hermetic Seam Welding System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

X-AXIS Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  X-AXIS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. X-AXIS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. X-AXIS Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. X-AXIS Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.aerotech.com
Mechanical Specifications
X Axis
Y Axis
(Vertical
Direction)
Z Axis
(Focal Axis)
Rotary Axis
Travel
100 mm
14 mm
50 mm
Unlimited
Accuracy
±1 µm
±1 µm
±1 µm
±5 arc sec
Maximum Speed
500 mm/s
50 mm/s500 mm/s
600 rpm
Maximum Clamping Force
335 N (75 lb) @ 5.5 bar (80 psig)
HermeSys Series SPECIFICATIONS
Base four-axis system without clamping option.
HermeSys with passive device clamp. Laser weld head shown
for reference only.
pneumatic clamp assembly to ensure consistent contact
between the case halves during the welding process. This
clamp assembly can be calibrated to give accurate and
repeatable clamping force.
Real-time Transformation
Aerotech’s Automation 3200 control platform includes
specialized real-time transformation capability that
greatly simplifies path programming. Weld profiles
are programmed directly in part coordinate space and
transformed in real time to the HermeSys actuator
coordinate space. This allows for on-machine modification
of the program to optimize the weld profile. Advanced
2D and 3D path optimization tools can be applied to
automatically adjust weld speed and laser power to ensure
consistent weld quality over a wide range of part features.
Kinematic Part Fixture
An automated load/unload system is recommended to fully
utilize the throughput enhancements that are available with
the HermeSys system. Aerotech has designed a kinematic
coupling system for precision registration of the devices on
the rotary axis. The coupling system has wide acceptance
angles on the mating interfaces that allow for low cost
robotic or pneumatic material handling systems.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com