Electronic Components Datasheet Search
  English  ▼

X  

SG2003-3.0 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SG2003-3.0
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003-3.0 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SG2003-3.0 Datasheet HTML 4Page - SG Micro Corp SG2003-3.0 Datasheet HTML 5Page - SG Micro Corp SG2003-3.0 Datasheet HTML 6Page - SG Micro Corp SG2003-3.0 Datasheet HTML 7Page - SG Micro Corp SG2003-3.0 Datasheet HTML 8Page - SG Micro Corp SG2003-3.0 Datasheet HTML 9Page - SG Micro Corp SG2003-3.0 Datasheet HTML 10Page - SG Micro Corp SG2003-3.0 Datasheet HTML 11Page - SG Micro Corp SG2003-3.0 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SG2003/A
SG2004/A
9
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Start Up
Time(10
μs/div)
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage
SG2003 and SG2004. In such applications, voltage spike will be generated at changer interface and VBUS
pin of USB interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld
products will be tested on the production line on the condition of no battery. Test Engineer will apply power
from the connector pin which connects with positive pole of the battery. When external power supply is
turned on suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be
very high, it always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust
design. Design Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to
eliminate such voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be
used to remove voltage spike in cell phone design. The schematic is shown in below:
SG2003/SG2004
4.7uF
VOUT
Vcc
Input
EN
GND
BP/FP
IN
Control
VOUT
C2
0.01uF
C1
1uF
BZM55B5V6
VIN = 5V
VOUT = 2.5V
CIN = COUT = 1
μF
ILOAD = 1mA
6
4
2
0
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com