Electronic Components Datasheet Search
  English  ▼

X  

SG2003A Datasheet(PDF) 3 Page - SG Micro Corp

Part # SG2003A
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003A Datasheet(HTML) 3 Page - SG Micro Corp

  SG2003A Datasheet HTML 1Page - SG Micro Corp SG2003A Datasheet HTML 2Page - SG Micro Corp SG2003A Datasheet HTML 3Page - SG Micro Corp SG2003A Datasheet HTML 4Page - SG Micro Corp SG2003A Datasheet HTML 5Page - SG Micro Corp SG2003A Datasheet HTML 6Page - SG Micro Corp SG2003A Datasheet HTML 7Page - SG Micro Corp SG2003A Datasheet HTML 8Page - SG Micro Corp SG2003A Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SG2003/A
SG2004/A
3
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) +1V, TA = - 40°C to +125°C, unless otherwise noted. Typical values are at TA = + 25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
IOUT = 0.1mA, VOUT ≥2.5V, TA = +25°C
-1.6
1.6
IOUT = 0.1mA to 400mA, VOUT ≥2.5V
TA = 0°C to +70°C
2.5
IOUT = 0.1mA to 400mA, VOUT ≥2.5V
TA = - 40°C to +125°C
2.9
Output Voltage Accuracy
IOUT = 0.1mA to 400mA, VOUT,<2.5V
TA = - 40°C to +125°C
3.1
%
SG2003
400
(Note1)
mA
Output Current
SG2004
400
mA
Current Limit
ILIM
410
750
mA
VOUT≤3.3V
77
130
No load, EN = 2V
VOUT>3.3V
77
145
Ground Pin Current
IQ
IOUT = 400mA, EN = 2V
120
µA
IOUT = 1mA
0.8
Dropout Voltage(Note2)
IOUT = 400mA
280
440
mV
Line Regulation
ΔVLNR
VIN = 2.5V or (VOUT + 0.1V) to 5.5V,
IOUT = 1mA
0.004
0.15
%/V
Load Regulation
ΔVLDR
IOUT = 0.1mA to 400mA, COUT = 1µF
0.0005
0.002
%/mA
Output Voltage Noise
en
f = 10Hz to 100KHz,
CBP = 0.01µF
COUT = 10µF
30
µVRMS
f = 100Hz,
74
dB
Power Supply Rejection Rate
PSRR
CBP = 0.1µF, ILOAD = 50mA,
COUT = 1µF
f = 1KHz,
54
dB
SHUTDOWN
VIH
2.0
EN Input Threshold
VIL
VIN = 2.5V to 5.5V
0.4
V
TA = +25°C
0.01
1
EN Input Bias Current
IB(SHDN)
EN = 0V and EN = 5.5V
TA = +125°C
0.01
µA
TA = +25°C
0.01
1
Shutdown Supply Current
IQ(SHDN)
EN = 0.4V
TA = +125°C
0.01
µA
Shutdown Exit Delay(Note3)
CBP = 0.01µF
COUT = 1µF, no load
TA = +25°C
30
µs
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
160
℃
Thermal Shutdown Hysteresis
ΔTSHDN
15
℃
Specifications subject to change without notice.
Note 1: SG2003 series’ output current is 400mA peak.
Note 2: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 1V.
(Only applicable for VOUT = +2.5V to +4.5V)
Note 3: Time needed for VOUT to reach 95% of final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com