Electronic Components Datasheet Search
  English  ▼

X  

10756352 Datasheet(PDF) 1 Page - Aptiv

Part # 10756352
Description  APCS 2.8 Locking Lance Sealed Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

10756352 Datasheet(HTML) 1 Page - Aptiv

  10756352 Datasheet HTML 1Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Attributes
S E A R C H K E Y W O R D , P A R T N U M B E R
2.8 Male DCS-2 Locking Lance SN Terminal
This part is not currently offered in our sample program.
S E N D R E Q U E S T
Request this part be added to the sample program.
Part Number:
10756352
Product Name: APCS 2.8 Locking Lance Sealed Series
Product Family
APCS
Product Series
2.8 Locking Lance Sealed Series
Gender
Male
Sealing
Sealed
Cable Cross Section (mm) - Minimum
0.5
Cable Cross Section (mm) - Maximum
1
Cable Diameter (mm) - Minimum
1.4
Cable Diameter (mm) - Maximum
2.1
Net Weight 1Piece (g)
0.486
Blade Size (mm)
2.8
Plating
SN
Locking Mechanism
LOCKING LANCE


Similar Part No. - 10756352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
Uninterruptible power supply
2018-05-02
More results

Similar Description - 10756352

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C90 AMD-AM79C90 Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
Color Signal Processor for APCs
BU2763S ROHM-BU2763S Datasheet
153Kb / 4P
Color Signal Processor for APCs
logo
Tyco Electronics
2-1418883-1 MACOM-2-1418883-1 Datasheet
1,011Kb / 1P
AMP MCP 1.5K / AMP MCP 2.8 REC. HOUSING, 62POS., SEALED
2-1534127-1 MACOM-2-1534127-1 Datasheet
1Mb / 1P
AMP MCP 2.8 SOCKET HSG., 21POS., SEALED WITH SECONDARY LOCKING DEVICE
2-965261-1 MACOM-2-965261-1 Datasheet
173Kb / 1P
4 POL. 2.8 Flachsteckergeh.
8-968975-1 MACOM-8-968975-1 Datasheet
508Kb / 1P
product group drawuing for amp mcp 2.8 hsg 6-21pos with secondary locking device
logo
TE Connectivity Ltd
408-10020 TEC-408-10020 Datasheet
126Kb / 3P
Extraction/Lance Reset Tool
408-9453 TEC-408-9453 Datasheet
366Kb / 4P
Extraction/Lance Reset
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
Push the tool into the contact cavity on the locking lance side of the connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com