Electronic Components Datasheet Search
  English  ▼

X  

ACT3704 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc ACT3704 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 6 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(VIN = 5V, TA = 25°C, unless otherwise specified.)
Battery Termination Voltage vs. Temperature
4.120
4.110
4.090
4.100
50
75
Temperature (°C)
25
-25
Battery Termination Voltage vs. Temperature
550
530
510
470
490
-20
0
-40
40
Temperature (°C)
20
Charge Current vs. Ambient Temperature
450
2.85
2.83
2.81
2.73
2.79
-40
Temperature (°C)
Precondition Threshold Voltage vs. Ambient Temperature
4.20
4.10
4.00
3.90
-15
-40
60
85
Temperature (°C)
10
Undervoltage Lockout Voltage vs. Temperature
3.80
35
4.220
4.210
4.200
4.190
4.180
0
4.080
-50
80
60
2.75
2.77
-20
0
20
40
60
80
VIN = 5V
RISET = 47k
ADJ = G
VIN = 5V
ADJ = G
VIN = 5V
RISET = 47k
ADJ = VIN
85
Temperature (°C)
50
75
25
-25
0
-50
85
2.70
2.71
-40
Internal Charge Timer Frequency vs. Temperature
Temperature (°C)
1.275
1.175
1.025
1.075
1.325
1.000
-15
10
35
60
85
1.125
1.225
VIN = 7V
VIN = 5V
VIN = 5V
ADJ = IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com