Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 641
Description  Permanent light element 641
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

641 Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  641 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 641

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
641 INTEL-641 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
Oscilent Corporation
641 OSCILENT-641 Datasheet
139Kb / 3P
Two-Port 180째 SAW
logo
Willow Technologies Ltd
641 WILLOW-641 Datasheet
521Kb / 2P
Fast Switching Speed Where speed is important
logo
Teledyne Technologies I...
641 TELEDYNE-641 Datasheet
521Kb / 2P
AC Solid-State Relay
logo
Adafruit Industries
641 ADAFRUIT-641 Datasheet
124Kb / 2P
Stainless Medium Conductive Thread - 3 ply - 18 meter/60 ft
7/24/2015
More results

Similar Description - 641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700100 PHOENIX-2700100 Datasheet
54Kb / 3P
Permanent light element, 12 to 240 V AC/DC, blue, without bulb
2700107 PHOENIX-2700107 Datasheet
66Kb / 3P
LED permanent light element, 24 V AC/DC, red
2700127 PHOENIX-2700127 Datasheet
134Kb / 5P
LED permanent light element, 24 V AC/DC
2702090 PHOENIX-2702090 Datasheet
66Kb / 4P
LED permanent light element, 24 V DC, 7 colors
logo
Pepperl+Fuchs Inc.
VAZ-LED-38MM-YE-RD-2M PF-VAZ-LED-38MM-YE-RD-2M Datasheet
368Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-BU PF-VAZ-LED-40MM-CLD-BU Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-GN PF-VAZ-LED-40MM-CLD-GN Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-RD PF-VAZ-LED-40MM-CLD-RD Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-WH PF-VAZ-LED-40MM-CLD-WH Datasheet
533Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-YE PF-VAZ-LED-40MM-CLD-YE Datasheet
532Kb / 2P
Stack light LED permanent light element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com