Electronic Components Datasheet Search
  English  ▼

X  

ACT6390 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT6390
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6390 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT6390 Datasheet HTML 1Page - Active-Semi, Inc ACT6390 Datasheet HTML 2Page - Active-Semi, Inc ACT6390 Datasheet HTML 3Page - Active-Semi, Inc ACT6390 Datasheet HTML 4Page - Active-Semi, Inc ACT6390 Datasheet HTML 5Page - Active-Semi, Inc ACT6390 Datasheet HTML 6Page - Active-Semi, Inc ACT6390 Datasheet HTML 7Page - Active-Semi, Inc ACT6390 Datasheet HTML 8Page - Active-Semi, Inc ACT6390 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT6390/ACT6391
Rev PrA, 01-Sep-07
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
PIN
NAME
DESCRIPTION
1
COMP
Error Amplifier Compensation Node. Connect to a resistor RC and capacitor CC in series to
ground.
2
FB
Feedback Input. Connect this pin a resistor divider from the output to set the output voltage. FB
is regulated to 1.24V.
3
EN
Enable Control. Connect to a logic high level to enable the IC. Connect to a logic low level to
disable the IC. When unused, connect EN pin to IN (do not leave pin floating).
4
G
Ground.
5
SW
Switch Output. Connect this pin to the inductor and the schottky diode. To minimize EMI, mini-
mize the PCB trace path between this pin and the input bypass capacitor.
6
IN
Supply Input. Bypass to G with a 1µF or larger capacitor.
7
FREQ
Frequency Setting Pin. A logic low sets the switching frequency at 700kHz. A logic high sets
the switching frequency at 1.3MHz. This pin has an internal 5.5μA pull-down current.
8
SS
Soft Start Control Input. Connect a capacitor from this pin to G to set soft-start timing duration
(tSS = 2.2 x 105 x CSS). SS is discharged to ground in shutdown. SS may be left unconnected if
soft start is not desired.
PIN CONFIGURATION
PIN DESCRIPTIONS
ORDERING INFORMATION
MSOP-8
PART
NUMBER
CURRENT
LIMIT
PACKAGING
ACT6390MH-T
1.7A
TAPE & REEL
ACT6391MH-T
2.5A
TAPE & REEL
TEMPERATURE
RANGE
-40°C to 85°C
-40°C to 85°C
PACKAGE
MSOP-8
MSOP-8
PINS
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com