Electronic Components Datasheet Search
  English  ▼

X  

15067 Datasheet(PDF) 5 Page - Pro-Power

Part # 15067
Description  2:1 Normal Wall Heatshrink Tubing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

15067 Datasheet(HTML) 5 Page - Pro-Power

  15067 Datasheet HTML 1Page - Pro-Power 15067 Datasheet HTML 2Page - Pro-Power 15067 Datasheet HTML 3Page - Pro-Power 15067 Datasheet HTML 4Page - Pro-Power 15067 Datasheet HTML 5Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page <5>
V1.1
09/03/20
2:1 Normal Wall Heatshrink Tubing
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1, Green, 38.1mm
1.2m
PP002802
Heatshrink Tubing Normal Wall 2:1, Green, 50.8mm
1.2m
PP002803
Heatshrink Tubing Normal Wall 2:1, Grey, 1.2mm
1.2m
PP002804
Heatshrink Tubing Normal Wall 2:1, Grey, 1.6mm
1.2m
PP002805
Heatshrink Tubing Normal Wall 2:1, Grey, 2.4mm
1.2m
PP002806
Heatshrink Tubing Normal Wall 2:1, Grey, 3.2mm
1.2m
PP002807
Heatshrink Tubing Normal Wall 2:1, Grey, 4.8mm
1.2m
PP002808
Heatshrink Tubing Normal Wall 2:1, Grey, 6.4mm
1.2m
PP002809
Heatshrink Tubing Normal Wall 2:1, Grey, 9.5mm
1.2m
PP002810
Heatshrink Tubing Normal Wall 2:1, Grey, 12.7mm
1.2m
PP002811
Heatshrink Tubing Normal Wall 2:1, Grey, 19mm
1.2m
PP002812
Heatshrink Tubing Normal Wall 2:1, Grey, 25.4mm
1.2m
PP002813
Heatshrink Tubing Normal Wall 2:1, Grey, 38.1mm
1.2m
PP002814
Heatshrink Tubing Normal Wall 2:1, Grey, 50.8mm
1.2m
PP002815
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
1.6mm
1.2m
PP002816
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
2.4mm
1.2m
PP002817
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
3.2mm
1.2m
PP002818
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
4.8mm
1.2m
PP002819
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
6.4mm
1.2m
PP002820
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
9.5mm
1.2m
PP002821
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
12.7mm
1.2m
PP002822
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
19mm
1.2m
PP002823
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
25.4mm
1.2m
PP002824
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
38.1mm
1.2m
PP002825
Heatshrink Tubing Normal Wall 2:1, Grey/Yellow,
50.8mm
1.2m
PP002826



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com