Electronic Components Datasheet Search
  English  ▼

X  

SGM810-RXN3 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM810-RXN3
Description  Microprocessor Supervisory Circuit in 3-Pin SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM810-RXN3 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM810-RXN3 Datasheet HTML 1Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 2Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 3Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 4Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 5Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 6Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 7Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 8Page - SG Micro Corp SGM810-RXN3 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SGM803/809/810
3
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = 25°C, unless otherwise noted.)
VCC................................................................................–0.3 V to +6 V
RESET,
RESET ...............................................–0.3 V to VCC +0.3 V
Input Current , VCC.................................................................20 mA
Output Current, RESET,
RESET ......................................... 20 mA
Rate of Rise, VCC .................................................................100 V/µs
Power Dissipation, PD @ TA = 25℃
SOT23-3 .....................................................................................0.4W
Package Thermal Resistance
SOT23-3, θJA....................................................................... 250℃/W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).....................................+260°C
ESD Susceptibility
HBM..........................................................................................4000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
Pin Number
NAME
SGM803
SGM809
SGM809-
ZXN3L
SGM810
FUNCTION
GND
1
1
2
1
Ground
RESET
2
2
1
—
Active Low reset.
RESET remains low while VCC is below the reset
threshold, and remains low for 240 ms (typ) after VCC rises above the
reset threshold.
RESET
—
—
—
2
Active High reset. RESET remains high while VCC is below the reset
threshold, and remains high for 240 ms (typ) after VCC rises above the
reset threshold.
VCC
3
3
3
3
Power supply voltage that is monitored.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com