Electronic Components Datasheet Search
  English  ▼

X  

ACT8704 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8704
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8704 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8704 Datasheet HTML 1Page - Active-Semi, Inc ACT8704 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ACT8704
Product Brief, 09-Nov-07
Advanced Information - All Information Subject to Change
Four Channel Integrated Power Management IC
for Handheld Portable Equipment
SYSTEM BLOCK DIAGRAM
FEATURES
Multiple Patents Pending
Li+ Battery Charger with Integrated MOSFET
− ON/OFF Control and Status Indication
Three Integrated Regulators
− 550mA PWM Step-Down DC/DC
− 750mA PWM Step-Down DC/DC
− Step-Up DC/DC with OVP for WLED Bias
Minimal External Components
4x4mm, Thin-QFN (TQFN44-24) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
Portable Devices and PDAs
Digital Media Players
Battery Operated Devices
GPS Receivers, etc.
GENERAL DESCRIPTION
The patent-pending ACT8704 is a complete, cost-
effective, highly-efficient ActivePMU
TM power man-
agement solution that is ideal for a wide range of
portable handheld equipment. This device inte-
grates two step-down DC/DC converters for proces-
sor core and I/O power, one step-up DC/DC con-
verter with over-voltage protection (OVP) and a full-
featured, linear-mode Li+ battery charger into a sin-
gle, thin, space-saving package.
REG1 and REG2 are fixed-frequency, current-mode
PWM step-down DC/DC converters that are opti-
mized for high efficiency and are capable of supply-
ing up to 550mA and 750mA, respectively. REG3 is
a fixed-frequency, step-up DC/DC converter that
safely and efficiently biases a string of up to seven
white-LEDs for backlighting. The battery
charger
incorporates an internal power MOSFET for con-
stant-current/constant-voltage, thermally regulated
charging of a single-cell Li+ battery.
The ACT8704 is available in a tiny 4mm x 4mm 24-
pin Thin-QFN package that is just 0.75mm thin.
nRSTO
OUT2
1.2V to 3.3V
Up to 750mA
ON1
VIN
nMSTR
CHGLEV
Battery
100mA/500mA
OUT3
WLED Bias
nIRQ
OUT1
1.2V to 3.3V
Up to 550mA
ON2
nSTAT
ACT8704
REG3
Step-Up
DC/DC
Single Cell
Li+ Battery
Charger
System
Control
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC


Similar Part No. - ACT8704

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8701 ACTIVE-SEMI-ACT8701 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results

Similar Description - ACT8704

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8701 ACTIVE-SEMI-ACT8701 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8710 ACTIVE-SEMI-ACT8710 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com