Electronic Components Datasheet Search
  English  ▼

X  

ACT8706 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8706
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8706 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8706 Datasheet HTML 1Page - Active-Semi, Inc ACT8706 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8706
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
Product Brief, 09-Nov-07
PRODUCT OPTIONS
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
FUNCTIONAL BLOCK DIAGRAM
Charge
Control
VP1
VP2
GP12
GP12
SW2
SW1
ON1
nRSTO
nMSTR
PUSH
BUTTON
nIRQ
ON2
VSYS
VIN
BAT
CHGLEV
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
OUT2
OUT1
110°C
THERMAL
REGULATION
OUT2
FLOAT
OUT2
OUT2
4.0V
VINUVLO
nSTAT
CHARGE STATUS
4.3V to 6V
OUT2
OUT1
VSYS
BODY AND
VSYS
CONTROL
GP3
SW3
To Battery
OUT3
FB3
OVP3
ACT8706
System
Control
GA
To Battery
AC Adaptor
or USB
+
Li+ Battery
To Battery
Block
Function
Output Voltage
Capability
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
Selectable Up to 1A
REG1
Step-Down DC/DC
1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
550mA
REG2
Step-Down DC/DC
750mA
REG3
Step-Up DC/DC
Up to 27.5V
Up to 7 WLEDs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com