Electronic Components Datasheet Search
  English  ▼

X  

ACT8710 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8710
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8710 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8710 Datasheet HTML 1Page - Active-Semi, Inc ACT8710 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Product Brief, 03-Feb-08
Advanced Information―All Information Subject to Change
ACT8710
Four Channel Integrated Power Management IC
for Handheld Portable Equipment
SYSTEM BLOCK DIAGRAM
FEATURES
Multiple Patents Pending
Li+ Battery Charger with Integrated MOSFET
− ON/OFF Control and Status Indication
Three Integrated Regulators
− 350mA Step-Down DC/DC
− 550mA Step-Down DC/DC
− Step-Up DC/DC with OVP for WLED Bias
I2CTM Compatible Serial Interface
− Programmable Output Voltages
− Configurable Operating Modes
Minimal External Components
4x4mm, Thin-QFN (TQFN44-24) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
Portable Devices and PDAs
Digital Media Players
Battery Operated Devices
GPS Receivers, etc.
GENERAL DESCRIPTION
The patent-pending ACT8710 is a complete, cost
effective, highly efficient ActivePMUTM power man-
agement solution that is ideal for a wide range of
portable handheld equipment. This device inte-
grates two PWM step-down DC/DC converters, one
PWM step-up DC/DC converter with over-voltage
protection (OVP) and a full-featured linear-mode Li+
battery charger into a single, thin, space-saving
package. An I2C Serial Interface provides program-
mability for the DC/DC converters and battery
charger.
REG1 and REG2 are fixed-frequency, current-mode
PWM step-down DC/DC converters that are opti-
mized for high efficiency and are capable of supply-
ing up to 350mA and 550mA, respectively. REG3 is
a fixed-frequency PWM step-up converter that
safely and efficiently biases a string of up to seven
white-LEDs for backlighting. The battery charger
incorporates an internal power MOSFET for con-
stant-current/constant-voltage, thermally regulated
charging of a single-cell Li+ battery. All DC/DC con-
verters’ output voltage are programmable and con-
trollable via the I2C interface.
The ACT8710 is available in a tiny 4mm x 4mm
24-pin Thin-QFN package that is just 0.75mm thin.
nRSTO
OUT2
1.1V to 4.4V
Up to 550mA
ON1
VIN
nMSTR
CHGLEV
Battery
Programmable
Up to 1A
OUT3
WLED Bias
nIRQ
OUT1
1.1V to 4.4V
Up to 350mA
ON2
nSTAT
ACT8710
REG3
Step-Up
DC/DC
Single Cell
Li+ Battery
Charger
System
Control
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC
SCL
SDA
PMU
PMU TM
Active


Similar Part No. - ACT8710

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8712QLCHA-T ACTIVE-SEMI-ACT8712QLCHA-T Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8712QLEHA-T ACTIVE-SEMI-ACT8712QLEHA-T Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
More results

Similar Description - ACT8710

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8701 ACTIVE-SEMI-ACT8701 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8704 ACTIVE-SEMI-ACT8704 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com