Electronic Components Datasheet Search
  English  ▼

X  

ACT8740 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8740 Datasheet HTML 1Page - Active-Semi, Inc ACT8740 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ACT8740
Product Brief, 03-Feb-08
PRODUCT OPTIONS
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
FUNCTIONAL BLOCK DIAGRAM
Charge
Control
VP1
SW1
ON1
nMSTR
PUSH
BUTTON
nIRQ
VSYS
VIN
BAT
CHGLEV
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
OUT1
110°C
THERMAL
REGULATION
OUT3
FLOAT
OUT3
VINUVLO
4.3V to 6V
OUT1
VSYS
BODY AND
VSYS
CONTROL
VINUVLO
GP1
LDO
REG3
LDO
REG4
LDO
REG5
OUT3
OUT4
OUT5
AC Adaptor
or USB
+
Li+ Battery
System
Control
ACT8740
GA
OUT3
OUT4
OUT5
To Battery
To Battery
4.0V
Reference
Serial
Interface
SCL
GP2
SW2
To Battery
OUT2
FB2
OVP2
SDA
INL
REFBP
Block
Function
Output Voltage
Capability
CHGR
Battery Charger
4.20V (4.10V to 4.40V available)
Programmable up to 1A
REG1
Step-Down DC/DC
1.1V to 4.4V
350mA
REG2
Step-Up DC/DC
Up to 27.5V
Up to 7 WLEDs
REG3
LDO
1.4V to 3.7V
350mA
REG4
LDO
250mA
REG5
LDO
250mA
Active-Semi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com