Electronic Components Datasheet Search
  English  ▼

X  

ACT8796 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8796 Datasheet HTML 1Page - Active-Semi, Inc ACT8796 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8796
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Product Brief, 31-Jan-08
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
750mA
REG2
Step-Down DC/DC
750mA
REG3
Step-Down DC/DC
550mA
REG4
LDO
0.645V to 3.7V
250mA
REG5
LDO
1.4V to 3.7V
250mA
REG6
LDO
250mA
1.1V to 4.4V
VP1
VP2
GP12
GP12
SW2
SW1
PWRHLD
nMSTR
PUSH
BUTTON
nRSTO
INL
OUT2
OUT1
OUT2
OUT2
OUT1
LDO
REG4
LDO
REG5
LDO
REG6
OUT4
OUT5
OUT6
INL
VP3
GP3
SW3
OUT3
OUT3
System
Control
GA
ACT8796
OUT6
OUT5
OUT4
To Battery
To Battery
To Battery
To Battery
REFBP
Reference
SDA
SCL
Serial
Interface
ON3
Active-Semi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com