Electronic Components Datasheet Search
  English  ▼

X  

1N4148LP Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # 1N4148LP
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

1N4148LP Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  1N4148LP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148LP
Silicon Epitaxial Planar Switching Diode
Fe
atures
High Voltage
Small Package
Small Capacitance
Halogen and Antimony Free
Absolute Maximum Ratings at TA = 25 ℃
2.Anode
1.Cathode
DFN1006
A6
Parameter
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
DC Forward Current
IFM
600
mA
Repetitive Peak Forward Current
IFRM
700
mA
Non-repetitive Peak Forward Surge Current
at t =1 s
at t =1 μs
IFSM
1
4
A
Power Dissipation
PD
250
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Marking Code
Top View
Bottom View
PIN1
PIN2
1
4


Similar Part No. - 1N4148LP

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1N4148L BILIN-1N4148L Datasheet
136Kb / 3P
Silicon Epitaxial Planar Diode
logo
Unisonic Technologies
1N4148L-AE3-R UTC-1N4148L-AE3-R Datasheet
218Kb / 4P
HIGH-SPEED SWITCHING DIODE
1N4148L-AE3-R UTC-1N4148L-AE3-R Datasheet
320Kb / 5P
HIGH-SPEED SWITCHING DIODE
1N4148L-AL3-R UTC-1N4148L-AL3-R Datasheet
218Kb / 4P
HIGH-SPEED SWITCHING DIODE
1N4148L-AL3-R UTC-1N4148L-AL3-R Datasheet
320Kb / 5P
HIGH-SPEED SWITCHING DIODE
More results

Similar Description - 1N4148LP

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com