Electronic Components Datasheet Search
  English  ▼

X  

PL0301 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL0301
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301 Datasheet(HTML) 1 Page - Power IC Ltd.

  PL0301 Datasheet HTML 1Page - Power IC Ltd. PL0301 Datasheet HTML 2Page - Power IC Ltd. PL0301 Datasheet HTML 3Page - Power IC Ltd. PL0301 Datasheet HTML 4Page - Power IC Ltd. PL0301 Datasheet HTML 5Page - Power IC Ltd. PL0301 Datasheet HTML 6Page - Power IC Ltd. PL0301 Datasheet HTML 7Page - Power IC Ltd. PL0301 Datasheet HTML 8Page - Power IC Ltd. PL0301 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1
FEATURES
Guaranteed 300mA output
High output initial voltage accuracy: ±1%
Ultra low output noise: 138µVRMS
Low ground current: 105µA
Very low dropout: 160mV @300mA
Zero shutdown supply current
TTL-logic-controlled enable input
Thermal and current limit protections
Low ESR capacitor compatibility to achieve
Ultra low droop load transient response
Ultra fast line transient response
Low profile 5-lead SOT25 and 3-lead SOT23
package
Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V
and 3.3V
APPLICATIONS
Cellular and cordless phones
Wireless LAN cards
Palmtop computers
Personal communication equipment
Pen drives
Bluetooth devices
DESCRIPTION
The PL0301 is a CMOS low dropout linear regulator
with ultra-low-noise output, very low dropout
voltage and very low ground current.
The PL0301 operates from a 2.5V to 5.5V input
voltage range and delivers up to 300mA, with low
dropout of 160 mV at 300mA. The other features of
PL0301 include short-circuit protection and thermal-
shutdown protection.
The PL0301 is designed especially for battery-
powered portable devices. Its low noise feature
makes PL0301 ideal for noise-sensitive personal
communication applications. Other key application
areas for PL0301 also include palmtop computers,
PCMCIA cards and WLAN cards.
The PL0301 is available in small 5-lead SOT25
package and 3-lead SOT23 with fixed output
voltage versions.
TYPICAL APPLICATION CIRCUIT
300mA, Ultra-Low Noise, Ultra-Fast
CMOS LDO Regulator
PL0301


Similar Part No. - PL0301

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com