Electronic Components Datasheet Search
  English  ▼

X  

US4881 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US4881
Description  Bipolar Hall Switch Low Voltage & Very High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US4881 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US4881 Datasheet HTML 1Page - Melexis Microelectronic Systems US4881 Datasheet HTML 2Page - Melexis Microelectronic Systems US4881 Datasheet HTML 3Page - Melexis Microelectronic Systems US4881 Datasheet HTML 4Page - Melexis Microelectronic Systems US4881 Datasheet HTML 5Page - Melexis Microelectronic Systems US4881 Datasheet HTML 6Page - Melexis Microelectronic Systems US4881 Datasheet HTML 7Page - Melexis Microelectronic Systems US4881 Datasheet HTML 8Page - Melexis Microelectronic Systems US4881 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
US4881
Bipolar Hall Switch
Low Voltage & Very High Sensitivity
3901004881
Page 1 of 11
Data Sheet
Rev 011
Feb/06
Features and Benefits
Operating voltage range from 2.2V to 18V
Very high magnetic sensitivity
CMOS technology
Chopper-stabilized amplifier stage
Low current consumption
Open drain output
SOT23 3L and flat TO-92 3L
both RoHS Compliant packages
Application Examples
Automotive, Consumer and Industrial
Solid-state switch
Brushless DC motor commutation
Speed detection
Linear position detection
Angular position detection
Proximity detection
Ordering Information
Part No.
Temperature Code
Package Code
US4881
E (-40°C to 85°C)
SO (SOT23-3L)
US4881
E (-40°C to 85°C)
UA (TO-92)
US4881
K (-40°C to 125°C)
SO (SOT23-3L)
US4881
K (-40°C to 125°C)
UA (TO-92)
US4881
L (-40°C to 150°C)
SO (SOT23-3L)
US4881
L (-40°C to 150°C)
UA (TO-92)
1 Functional Diagram
2 General Description
The Melexis US4881 is a bipolar Hall-effect switch
designed in mixed signal CMOS technology.
The device integrates a voltage regulator, Hall
sensor with dynamic offset cancellation system,
Schmitt trigger and an open-drain output driver, all
in a single package.
The low operating voltage and extended choice of
temperature range make it suitable for use in
automotive, industrial and consumer low voltage
applications.
The devices are delivered in a Small Outline
Transistor (SOT23) for surface mount process and
in a Plastic Single In Line (TO-92 flat) for through-
hole mount.
Both 3-lead packages are RoHS compliant.


Similar Part No. - US4881

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
US4881 MICRO-ELECTRONICS-US4881 Datasheet
118Kb / 6P
CMOS Low Voltage High Sensitivity Latch
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881 Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881ESEAAA-000RE MELEXIS-US4881ESEAAA-000RE Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881EUAAAA-000BU MELEXIS-US4881EUAAAA-000BU Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881KSEAAA-000RE MELEXIS-US4881KSEAAA-000RE Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
More results

Similar Description - US4881

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
Bipolar Hall Switch - Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
logo
Diodes Incorporated
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881_12 Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
Bipolar Hall Switch ??Very High Sensitivity
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
Bipolar Hall Switch ??Very High Sensitivity
logo
Diodes Incorporated
AH3376 DIODES-AH3376_18 Datasheet
826Kb / 15P
HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com