Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 14 Page - Intel Corporation

Part # 80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C52 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80C52 Datasheet HTML 10Page - Intel Corporation 80C52 Datasheet HTML 11Page - Intel Corporation 80C52 Datasheet HTML 12Page - Intel Corporation 80C52 Datasheet HTML 13Page - Intel Corporation 80C52 Datasheet HTML 14Page - Intel Corporation 80C52 Datasheet HTML 15Page - Intel Corporation 80C52 Datasheet HTML 16Page - Intel Corporation 80C52 Datasheet HTML 17Page - Intel Corporation 80C52 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
8XC525458
EXTERNAL MEMORY CHARACTERISTICS (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min
Max
Min
Max
Min
Max
Min
Max
TRLDV
RD Low to Valid
Data In
8XC5X
252
5 TCLCL b 165
ns
8XC5X-24
113
5 TCLCL b 95
ns
8XC5X-33
61
5 TCLCL b 90
ns
TRHDX
Data Hold After
0
0
0
0
ns
RD
TRHDZ
Data Float After
RD
8XC5X-24
107
23
2 TCLCL b 60
ns
8XC5X-33
35
2 TCLCL b 25
ns
TLLDV
ALE Low to
Valid Data In
8XC5X
517
8 TCLCL b 150
ns
8XC5X-2433
243
150
8 TCLCL b 90
ns
TAVDV
Address to
Valid Data In
8XC5X
585
9 TCLCL b 165
ns
8XC5X-2433
285
180
9 TCLCL b 90
ns
TLLWL
ALE Low to RD
200
300
75
175
41
140
3 TCLCL b 50
3 TCLCL a 50
ns
or WR Low
TAVWL
Address to RD
or WR Low
8XC5X
203
4 TCLCL b 130
ns
8XC5X-24
77
4 TCLCL b 90
ns
8XC5X-33
46
4 TCLCL b 75
ns
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com