Electronic Components Datasheet Search
  English  ▼

X  

PX119-030AI Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PX119-030AI
Description  Compact Rugged Pressure Transmitters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX119-030AI Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PX119-030AI Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Compact Rugged
Pressure Transmitters
PX119 Series
15 to 5000 psi, 1 to 345 bar
4 to 20 mA Output
U
Low Cost
U
Compact Size
U
0.50% BFSL Accuracy
U
All Stainless Steel Body
PX119, both
models shown
smaller than
actual size.
mini
DIN style
(connector
included).
The PX119 pressure transmitter
series is ideally suited for material
handling, industrial and mobile
equipment applications where space
constraints require a small body
size. The body is machined from
a single piece of stainless steel to
provide added protection for the
internal electronics. A piezoresistive
ceramic sensor along with ASIC
signal conditioning provide an
excellent thermally compensated
output.
Specifications
Accuracy: 0.50% BFSL Accuracy
Pressure Range: 15 to 5000 psi (345 bar)
Output/Supply Voltage: 4 to 20 mA:
8 to 30 Vdc
Output Connections: DIN 43650C
(mini DIN)
Output Wiring: Pin 1: Supply +,
Pin 2: Supply -
Long Term Drift: <0.3% FS
@ 25°C (77°F)
Thermal Error:
7.5 psi ≥ 100 psi: 0.01% FS/°F
(0.018% FS/°C)
100 psi > 400 psi: 0.009% FS/°F
(0.016% FS/°C)
400 psi ≥ 1000 psi: 0.011% FS/°F
(0.019% FS/°C)
1000 psi > 3000 psi: 0.012% FS/°F
(0.021% FS/°C)
3000 psi ≥ 5000 psi: 0.018% FS/°F
(0.028% FS/°C)
Compensated Temperature:
0 to 85°C (32 to 185°F)
Operating Temperatures:
-40 to 135°C (-40 to 257°F)
Process Connection: ¼ NPT male
Construction: 304 SS
Wetted Materials: 304 SS and
Ceramic Al2O3, NBR Standard
Vibration: 10 g (20 to 2000 Hz) for
<58 psi (4 bar); 20 g (20 to 500 Hz) for
ranges >58 psi (4 bar)
Protection: Overvoltage, short
circuit, reverse polarity
Response Time: 1 ms
Ingress Protection: IP65
Weight: 70 g (0.15 lb)
Model No.
Description
CA-319-4PC24-XXX-WP
Vented cable used for PX119 ≤100 psig, terminated in
a clean dry area that is open to atmosphere for
correct operation*
CA-319-4PC24-XXX
Standard cable for PX119 >100 psig and all absolute
ranges, terminated in a dry location or sealed to
prevent water from getting into the cable/sensor*
DP8PT
PLATINUM™ Series 1⁄8DIN 4-digit single display panel meter
To Order
Ranges
% Proof
(FS)
% Burst
(FS)
mini DIN
Connection
psi
bar
Absolute Pressure
0 to 15
0 to 1
193.4%
386.7%
PX119-015AI
0 to 30
0 to 2.1
193.4%
241.7%
PX119-030AI
0 to 100
0 to 6.9
290.1%
362.6%
PX119-100AI
0 to 150
0 to 10.3
193.4%
241.7%
PX119-150AI
0 to 300
0 to 21
193.4%
241.7%
PX119-300AI
0 to 600
0 to 42
241.7%
290.1%
PX119-600AI
0 to 1000
0 to 69
290.1%
362.6%
PX119-1KAI
0 to 1500
0 to 103
193.4%
241.7%
PX119-1.5KAI
0 to 3000
0 to 207
193.4%
241.7%
PX119-3KAI
0 to 5000
0 to 345
188.5%
188.5%
PX119-5KAI
Gage Pressure
0 to 15
0 to 1
193.4%
386.7%
PX119-015GI
0 to 30
0 to 2.1
193.4%
241.7%
PX119-030GI
0 to 100
0 to 6.9
290.1%
507.6%
PX119-100GI
0 to 150
0 to 10.3
193.4%
338.4%
PX119-150GI
0 to 300
0 to 21
193.4%
338.4%
PX119-300GI
0 to 600
0 to 42
241.7%
362.6%
PX119-600GI
0 to 1000
0 to 69
290.1%
362.6%
PX119-1KGI
0 to 1500
0 to 103
193.4%
241.7%
PX119-1.5KGI
0 to 3000
0 to 207
193.4%
217.5%
PX119-3KGI
0 to 5000
0 to 345
188.5%
188.5%
PX119-5KGI
Ordering Examples: PX119-3KGI, 3000 psi gage pressure transmitter with 4 to 20 mA
output and mini DIN termination.
PX119-015AI, 15 psi absolute pressure transmitter with 4 to 20 mA output and mini DIN
termination.
67
[2.6]
30
[1.18]
23.5
[ø0.93]
24
[0.94]
TM
Dimensions: mm (inches)
ø = Diameter
Accessories
*All PX119 are vented through a hole in the connector and through the mating connector.
OMEGA recommends purchase and use of ready-made Cable Assemblies using part #
structure “CA-319-4PC24-XXX-WP” (and non-WP version) as shown above, where “XXX” is
the length in feet of the desired cable (e.g. “030” stands for 30 ft).


Similar Part No. - PX119-030AI

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX11608 MPSIND-PX11608 Datasheet
174Kb / 1P
SMD POWER INDUCTOR
PX11608-102 MPSIND-PX11608-102 Datasheet
174Kb / 1P
SMD POWER INDUCTOR
PX11608-103 MPSIND-PX11608-103 Datasheet
174Kb / 1P
SMD POWER INDUCTOR
PX11608-104 MPSIND-PX11608-104 Datasheet
174Kb / 1P
SMD POWER INDUCTOR
PX11608-105 MPSIND-PX11608-105 Datasheet
174Kb / 1P
SMD POWER INDUCTOR
More results

Similar Description - PX119-030AI

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
Precision differential pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
Precision stainless steel pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
Miniature pressure transmitters
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
Pressure transmitters for oxygen applications
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
Barometric pressure transmitters for SMT
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
Precision differential pressure transmitters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com