Electronic Components Datasheet Search
  English  ▼

X  

PX613 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PX613
Description  THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX613 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PX613 Datasheet HTML 1Page - Omega Engineering, Inc. PX613 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-100
B
THIN-FILM TRANSduceRS FoR
GAGe,VAcuuM, oR coMpouNd RANGeS
RuGGed STAINLeSS STeeL coNSTRucTIoN
Vacuum to 20,000 psi
(1380 bar)
U
Excellent Long-
Term Stability
U
NEMA 4 (IP65) Cable
or Connector Models
U
0.4% Accuracy
U
Thin-Film Design
for High Reliability
U
Ideal for Liquid
or Gas
U
Zero and Span
Adjustments
PX613-100G5V
twist-lock style,
shown smaller
than actual size.
PX603-3KG5V
cable style,
shown smaller
than actual size.
DP41-E meter,
sold separately,
see omega.com
PT06F8-4S connector,
sold separately.
SPECIFICATIONS
100 MΩ @ 50V
Accuracy: ±0.4% BFSL
Hysteresis: ±0.2% full scale
Repeatability: ±0.05% full scale
Stability: ±1.0%/year
Durability: 100 million cycles
Operating Temperature:
-48 to 90°C (-55 to 195°F)
Compensated Temperature:
-29 to 82°C (-20 to 180°F)
Thermal Zero Effect: ±0.07%
full scale/°C
Thermal Span Effect: ±0.07%
full scale/°C
Proof Pressure:
15 to 2000 psi = 200% full scale
3000 to 5000 psi = 150% full scale
7500 to 20,000 psi = 120% full scale
Burst Pressure:
15 to 2000 psi = 800% full scale
3000 to 5000 psi = 500% full scale
7500 to 20,000 psi = 500% full scale
Gages: Thin-film polysilicone
Diaphragm: 17-4 PH stainless steel
Case: 300 Series stainless steel
Pressure Connection:
15 to 10,000 psi = 1⁄4 NPT
15,000 and 20,000 psi = female
Aminco fitting
Electrical Connection: 0.9 m (36")
braided-shield PVC cable or connector
Mating Connector: PT06F8-4S
(sold separately)
Weight: 128 g (4.5 oz) without cable
Response Time: 5 ms
Construction: Sealed units, except
PX603 ≤500 psi is vented to room
PS-4 snubber, sold
separately.
P-DPG500 Fig. 1
1
⁄4 NPT Pressure
Snubbers:
PS-4G = Gas
PS-4E = Lt Oil
PS-4D = Dense Lq
Metric thread
adaptors available,
see omega.com
pX603/pX613 Series
Excitation: 10 to 36 Vdc unregulated
Output: 1 to 5 Vdc (3 wire)
Supply Current: <3.0 mA
Insulation Resistance:


Similar Part No. - PX613

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PX611-2 ROITHNER-PX611-2 Datasheet
135Kb / 2P
Photodiode Chip die
More results

Similar Description - PX613

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
OEM stainless steel submersible pressure transducers
logo
Honeywell Solid State E...
24PCBFA6G HONEYWELL-24PCBFA6G Datasheet
230Kb / 3P
Vacuum Gage
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
Laird Tech Smart Techno...
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
logo
PowerDynamics, Inc
SW2388 POWERDYNAMICS-SW2388 Datasheet
586Kb / 1P
T304 16GA Stainless Steel Construction
SW2389 POWERDYNAMICS-SW2389 Datasheet
609Kb / 1P
T304 16GA Stainless Steel Construction
SW2390 POWERDYNAMICS-SW2390 Datasheet
573Kb / 1P
T304 16GA Stainless Steel Construction
SW2391 POWERDYNAMICS-SW2391 Datasheet
628Kb / 1P
T304 16GA Stainless Steel Construction
logo
Linx Technologies
ANT-2.4-YG12-N LINX-ANT-2.4-YG12-N Datasheet
182Kb / 1P
Stainless steel construction
12-21-09
ANT-2.4-YG6-N LINX-ANT-2.4-YG6-N Datasheet
165Kb / 1P
Stainless steel construction
12-21-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com