Electronic Components Datasheet Search
  English  ▼

X  

2907921 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2907921
Description  Type 3 surge protection base element - PLT-SEC-T3-BE-FMUT - 2907924
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907921 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  2907921 Datasheet HTML 1Page - PHOENIX CONTACT 2907921 Datasheet HTML 2Page - PHOENIX CONTACT 2907921 Datasheet HTML 3Page - PHOENIX CONTACT 2907921 Datasheet HTML 4Page - PHOENIX CONTACT 2907921 Datasheet HTML 5Page - PHOENIX CONTACT 2907921 Datasheet HTML 6Page - PHOENIX CONTACT 2907921 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2907924
02/27/2020   Page 7 / 7
Type 3 surge protection base element - PLT-SEC-T3-BE-FM-
UT - 2907924
Accessories
Type 3 surge protection plug - PLT-SEC-T3-24-P-UT/PT - 2907920
Replacement plug for type 3 surge protection from the PLT-SEC-…-UT/PT product series. Nominal voltage 24 V.
 
 
Type 3 surge protection plug - PLT-SEC-T3-60-P-UT/PT - 2907921
Replacement plug for type 3 surge protection from the PLT-SEC-…-UT/PT product series. Nominal voltage 60 V.
 
 
Type 3 surge protection plug - PLT-SEC-T3-120-P-UT/PT - 2907922
Replacement plug for type 2/3 surge protection from the PLT-SEC-…-UT/PT product series. Nominal voltage 120 V.
 
 
Type 3 surge protection plug - PLT-SEC-T3-230-P-UT/PT - 2907923
Replacement plug for type 2/3 surge protection from the PLT-SEC-…-UT/PT product series. Nominal voltage 230 V.
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com