Electronic Components Datasheet Search
  English  ▼

X  

803 Datasheet(PDF) 1 Page - PRECI-DIP

Part # 803
Description  PCB CONNECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRECI-DIP [PRECI-DIP]
Direct Link  https://precidip.com/
Logo PRECI-DIP - PRECI-DIP

803 Datasheet(HTML) 1 Page - PRECI-DIP

  803 Datasheet HTML 1Page - PRECI-DIP 803 Datasheet HTML 2Page - PRECI-DIP 803 Datasheet HTML 3Page - PRECI-DIP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
803
803-PP-NNN-10-001101
Double row
2.54 mm, Straight solder tail, Mating pin Ø 0.76 mm
Socket connectors, solder tail
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (6 finger): Beryllium copper (C17200)
Mating pin Ø
0.70 to 0.90 mm, 0.635 mm square
Insertion force
1.2 N typ.
Withdrawal force
0.6 N typ. (polished steel gauge Ø 0.76 mm)
Mechanical life
Min. 500 cycles
Rated current
3 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
NNN number of poles. Replace NNN with the requested number of poles, e.g. 803-87-NNN-10-268101 for a double
row version with 16 pins becomes 803-87-016-10-268101
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 803

ManufacturerPart #DatasheetDescription
logo
Littelfuse
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
logo
Alpha Wire
803 ALPHAWIRE-803 Datasheet
183Kb / 3P
M8 Plastic Passive I/O Box
logo
Murata Power Solutions ...
803 MURATA-PS-803 Datasheet
183Kb / 2P
Horizontal Mount Toroidal Inductors
logo
New Jersey Semi-Conduct...
803 NJSEMI-803 Datasheet
46Kb / 1P
absolute maximum ratings
More results

Similar Description - 803

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
PCB Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
PCB CONNECTORS
logo
Precid-Dip Durtal SA
714-87-102-31-018101 PREDIP-714-87-102-31-018101 Datasheet
22Kb / 3P
PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
PCB CONNECTORS
861 PREDIP-861 Datasheet
119Kb / 3P
PCB CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com