Electronic Components Datasheet Search
  English  ▼

X  

36085 Datasheet(PDF) 1 Page - Feinmetall GmbH

Part # 36085
Description  Basic Contact Probe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEINMETALL [Feinmetall GmbH]
Direct Link  https://www.feinmetall.com/
Logo FEINMETALL - Feinmetall GmbH

36085 Datasheet(HTML) 1 Page - Feinmetall GmbH

  36085 Datasheet HTML 1Page - Feinmetall GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General
Design
Basic Contact Probe
Family
36
Pitch [mm/mil]
1.00 / 39
Temperature [C°]
-45°C...+250°C
Electrical specifications
Continuous current [A]
3.00
Typical contact resistance [mOhm]
50.00
Dimensions
Total length [mm]
95.25
Tip style diameter [mm]
0.81
Barrel diameter [mm]
0.81
Materials & surfaces
Tip style
03
Plunger material
Steel
Plunger plating
Longtime Gold
Tip style 1
Interface Solutions
36085
Order code 1108326
Copyright © 2025-11-26


Similar Part No. - 36085

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3608 ETC2-3608 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Heyco.
3608 HEYCO-3608 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
ASSUN MOTOR Pte Ltd.
3608 ASSUN-3608 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023
logo
VOMM GmbH
3608 VOMM-3608 Datasheet
680Kb / 1P
Transistorpinzetten / Transistor tweezers / Pinzetten mit feiner Spitze / Tweezers with fine tips
logo
Clarke International
3608005 CLARKE-3608005 Datasheet
3Mb / 16P
WORKBENCH WITH BACK PANEL & DRAWER
DL0822 - Rev 2
More results

Similar Description - 36085

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42582 EXTECH-42582 Datasheet
247Kb / 14P
IR Thermometer Printer / Datalogger with External Contact Probe
logo
Yamaichi Electronics Co...
IC275-04833 YAMAICHI-IC275-04833 Datasheet
104Kb / 2P
Through Hole - Spring Probe Contact Style
logo
List of Unclassifed Man...
P226500 ETC2-P226500 Datasheet
128Kb / 1P
PROBE BODY W/4MM CONTACT TIP
logo
PHOENIX CONTACT
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
logo
WAGO Kontakttechnik Gmb...
788-158 WAGO-788-158 Datasheet
161Kb / 4P
Basic relay; Nominal input voltage: 48 VDC; 1 changeover contact
788-155 WAGO-788-155 Datasheet
143Kb / 5P
Basic relay; Nominal input voltage: 24 VDC; 1 changeover contact;
788-154 WAGO-788-154 Datasheet
161Kb / 4P
Basic relay; Nominal input voltage: 24 VDC; 1 changeover contact
788-150 WAGO-788-150 Datasheet
161Kb / 4P
Basic relay; Nominal input voltage: 12 VDC; 1 changeover contact
857-151 WAGO-857-151 Datasheet
170Kb / 5P
Basic relay; Nominal input voltage: 12 VDC; 1 changeover contact
22.11.2021
857-155 WAGO-857-155 Datasheet
174Kb / 5P
Basic relay; Nominal input voltage: 48 VDC; 1 changeover contact
22.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com