Electronic Components Datasheet Search
  English  ▼

X  

PVS7F230SS331M01 Datasheet(PDF) 4 Page - E-SWITCH

Part # PVS7F230SS331M01
Description  PVS7 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVS7F230SS331M01 Datasheet(HTML) 4 Page - E-SWITCH

  PVS7F230SS331M01 Datasheet HTML 1Page - E-SWITCH PVS7F230SS331M01 Datasheet HTML 2Page - E-SWITCH PVS7F230SS331M01 Datasheet HTML 3Page - E-SWITCH PVS7F230SS331M01 Datasheet HTML 4Page - E-SWITCH PVS7F230SS331M01 Datasheet HTML 5Page - E-SWITCH PVS7F230SS331M01 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.e-switch.com
800.867.2717
4
PVS7 Series Anti-vandal Switch
Actuator Option
Graphic Option
Non-Illuminated
Ring Illuminated
M01
Flat Actuator
SHEET OF
3
5
PVS7 Catalog Drawing 5/29/2019
11.70
[.461 in]
RING ILLUMINATION
15.30
[.602 in]
32.00
[1.260 in]
LASER ETCHED
32.00
[1.260 in]
15.30
[.602 in]
2.50
[.098 in]
ORIENTATION
FLAT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com