Electronic Components Datasheet Search
  English  ▼

X  

BAS40SDW Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # BAS40SDW
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

BAS40SDW Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  BAS40SDW Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS40SDW Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. BAS40SDW Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40DW / SDW / CDW / ADW / BRDW
Surface Mount Schottky Barrier Diode
Features
• Low forward voltage
• Fast switching
BAS40DW BAS40SDW BAS40CDW BAS40ADW BAS40BRDW
Absolute Maximum Ratings (Ta = 25
℃)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
40
V
Reverse Stand-Off Voltage
VRWM
40
V
Reverse Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current 1)
IFM
200
mA
Peak Forward Surge Current (at t < 1 s)
IFSM
600
mA
Power Dissipation 1)
PD
200
mW
Thermal Resistance from Junction Ambient 1)
RθJA
625
℃/W
Junction Temperature
TJ
- 55 to + 125
℃
Storage Temperature Range
Tstg
- 65 to + 125
℃
1) Part mounted on FR-4 board with recommended pad layout .
Characteristics at Ta = 25
℃
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 40 mA
VF
-
-
380
1000
mV
Reverse Breakdown Voltage
at IR = 10
μA
V(BR)R
40
-
V
Reverse Current
at VR = 30 V
IR
-
200
nA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 × IR, RL = 100
Ω
trr
-
5
ns
Marking Code
BAS40DW:4A
BAS40SDW:4B
BAS40CDW:4C BAS40ADW:4D
BAS40BRDW:4E
SOT-363 Plastic package
2
3
4
6
5
A1
A2
A3
C1
C2
C3
1
1
2
3
4
6
5
C1
C1
A2
A1
C2
C2
1
2
3
4
6
5
A1
A1
C2
C1
A2
A2
1
2
3
4
6
5
A1
A2
C1
C2
AC
1
AC
2
1
2
3
4
6
5
A1
C1
AC
2
C2
A2
AC
1
1
3


Similar Part No. - BAS40SDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40SDW PANJIT-BAS40SDW Datasheet
123Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diotec Semiconductor
BAS40SDW DIOTEC-BAS40SDW Datasheet
216Kb / 2P
SMD Small Signal Diode Arrays
logo
FutureWafer Tech Co.,Lt...
BAS40SDW FUTUREWAFER-BAS40SDW Datasheet
1Mb / 9P
Surface Mount Switching Diode
27-DEC-2021 V 2.1
logo
Chenmko Enterprise Co. ...
BAS40SDWPT CHENMKO-BAS40SDWPT Datasheet
154Kb / 2P
SCHOTTKY DIODE ARRAY VOLTAGE 40 Volts CURRENT 0.2 Ampere
More results

Similar Description - BAS40SDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com