Electronic Components Datasheet Search
  English  ▼

X  

VC221B Datasheet(PDF) 3 Page - Beha-Amprobe

Part # VC221B
Description  Heavy-Duty Digital Multimeter Rugged autoranging meter with true-rms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEHA-AMPROBE [Beha-Amprobe]
Direct Link  https://www.beha-amprobe.com/en/
Logo BEHA-AMPROBE - Beha-Amprobe

VC221B Datasheet(HTML) 3 Page - Beha-Amprobe

  VC221B Datasheet HTML 1Page - Beha-Amprobe VC221B Datasheet HTML 2Page - Beha-Amprobe VC221B Datasheet HTML 3Page - Beha-Amprobe VC221B Datasheet HTML 4Page - Beha-Amprobe  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.Amprobe.com
Data Sheet
HD160C Technical Specifications (continued)
Function
Range
Accuracy
DC Current
Ranges
100 µA, 1000 µA, 10mA, 100mA, 400mA, 2A (Auto/Manual ranging)
Resolution
0.01µA in 100 µA range
Accuracy
100 µA range
± (0.5% rdg + 10 dgts)
1000 µA to 400 mA ranges
± (0.5% rdg + 5 dgts)
2 A range
± (1.5% rdg + 10 dgts)
Input protection
2 A/1500 V fast blow ceramic fuse 8×65 mm on A input , FP700
Burden voltage
voltage
µA range of 1 mV/1 µA, mA range of 10 mV/1 mA, 2A range of 500 mV/1A, 500 mV max. (2 V max. on
1000 µA, 100 mA, 400 mA, 2 A ranges)
OL Protection
A Input (F 2 A/1500 V, size 8 x 65 mm IR fast blow ceramic)
AC Current True rms
Current True rms
Ranges
100 µA, 1000 µA, 10 mA, 100 mA, 400 mA, 2 A
Resolution
0.01 µA in 100 µA range
Accuracy (45 Hz to 1kHz)
100 µA to 100 mA
± (1.5 % + 10 dgts)
400 mA
± (2.0 % + 10 dgts)
2 A
± (2.5 % + 20 dgts)
Voltage burden
burden
see DC Current
DC Current
Conversion type
True rms ac coupled 10 to 100% of range
Crest factor
≤ 3
OL protection
see DC Current
Resistance
Ranges
1000 Ω, 10 kΩ, 100 kΩ, 1000 kΩ, 10 MΩ, 40 MΩ
Resolution
0.1 Ω in 1000 Ω range
Accuracy
1000 Ω to 1000 kΩ ranges
± (0.5 % rdg + 8 dgts)
10 MΩ range
± (1.0 % rdg + 10 dgts)
40 MΩ range
± (2.0 % rdg + 10 dgts)
Overload protection, all ranges 1500 V dc or 1000 V ac rms
Continuity Test
Audible indication
Less than 40 Ω
Response time
100 ms
Overload protection
1500 V dc or 1000 V ac rms
Capacitance
Ranges
40 ηF, 400 ηF, 4 µF, 40 µF, 400 µF (3999 counts) (Auto/Manual ranging)
Resolution
0.01 ηF
Accuracy
40 ηF, 400 µF ranges
±(3.0% rdg +10 dgts)
400 ηF to 40 µF ranges
±(3.0% rdg +5 dgts)
Test voltage
< 1 V
Test Frequency
Frequency
1.3 Hz on 40 ηF to 40 µF ranges; 0.7 Hz on 400 µF range
Overload protection
protection
1500 V dc or 1000 V ac rms
dc or 1000 V ac rms
or 1000 V ac rms
ac rms
Temperature
Ranges
-20 °C ~ 1300 °C (-4° F ~ 2372 °F)
3999 counts
Resolution
1 °C, 1 °F
Accuracy
-20 °C ~ 10 °C
±(2.0% rdg + 4 °C)
10 °C ~ 200 °C
±(1.0% rdg + 3 °C)
200 °C ~ 1300 °C
±(2.0% rdg + 2 °C)
-4 °F ~ 50 °F
±(2.0% rdg + 8 °F)
50° F ~ 400 °F
±(1.0% rdg + 6 °F)
400 °F ~2372 °F
±(2.0% rdg + 4 °F)
Overload protection
1500 V dc or 1000 V ac rms
(continued on next page)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com