Electronic Components Datasheet Search
  English  ▼

X  

FP700 Datasheet(PDF) 2 Page - Beha-Amprobe

Part # FP700
Description  Heavy-Duty Digital Multimeter Rugged autoranging meter with true-rms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEHA-AMPROBE [Beha-Amprobe]
Direct Link  https://www.beha-amprobe.com/en/
Logo BEHA-AMPROBE - Beha-Amprobe

FP700 Datasheet(HTML) 2 Page - Beha-Amprobe

  FP700 Datasheet HTML 1Page - Beha-Amprobe FP700 Datasheet HTML 2Page - Beha-Amprobe FP700 Datasheet HTML 3Page - Beha-Amprobe FP700 Datasheet HTML 4Page - Beha-Amprobe  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Amprobe® Test Tools
Data Sheet
HD160C Technical Specifications
General Specifications
Display
4 digit LCD, 9999 counts, with annunciators, menu features and 41 segment bargraph.
Polarity Indication
Automatic
Input overload indication
OL, -OL.
Low Battery Indication
B; less than 50 hours battery life remain, accuracy is no longer guaranteed
Display Update Rate
2/sec, nominal; 20/sec for bargraph.
Oper. Temp.
0 °C to +50 °C @ 0 to 75 % R.H.
Storage Temp.
-20 °C to 60 °C @ 0 to 80 % RH, battery removed
Altitude
2000 meters - indoor use
Temperature coefficient
0.1 x (spec. accuracy)/°C (0 °C to 18 °C and 28 °C to 50 °C)
Fuse
F 2 A/1500 V fuse (8 mm x 65 mm), I.R. 30 kA – Amprobe p/n FP700
Power
Standard 9-volt battery, NEDA 1604, JIS 006P, IEC 6F22
Auto Power-Down
Meter powers down after approximately 30 minutes of inactivity. Not in Min/Max function.
Battery Life (typical)
150 hours, alkaline. Backlight usage consumes extra power and will decrease battery life significantly.
Backlight auto-off after approx. 60 seconds.
Dimensions, without holster
(H x W x D)
200 x 102 x 59 mm (7.9 in x 4.0 in x 2.3 in)
Weight (incl. battery)
642 g (22 oz)
Accessories
Heavy Duty CAT IV 1000 V Test leads with threaded alligator clips (TL1500), battery (installed), hex
wrench (inside holster), Holster with Magne-Grip strap, Type K thermocouple probe (TP255), Tempera-
ture Adaptor (TA-1A) and User Manual.
Case material
Reinforced, high-impact, fire retardant thermoplastic
Safety
Meets EN 61010-1 CAT IV 1000 V (1500 V DC max) Class II, EN 60529:IP67
CAT IV 1000 V (1500 V DC max) Class II, EN 60529:IP67
EMC
Meets EN 61326-1
Electrical Specifications (Accuracy at 23 °C ± 5 °C, <75 % RH, guaranteed for one year.)
Function
Range
Accuracy
DC Volts
Ranges
1000 mV, 10 V, 100 V, 1500 V
Resolution
0.1 mV in 1000 mV range
Accuracy
±(0.1 % rdg + 5 dgt)
Input Impedance
10 MΩ
CMRR
>120 dB up to 1500 V dc
NMRR
>60 dB at 50 or 60 Hz
OL Protection
1500 V dc or 1000 V ac rms.
Transient protection
12 kV impulse (1.2 µS/50 µS) based on EN 61010-1:2001 impulse requirement for at CAT IV 1000
V/1500V dc product. This product should not be used in installations where transients exceed 12 kV.
AC Volts True rms
Ranges
1000 mV, 10 V, 100 V, 1000 V
Resolution
0.1 mV in 1000 mV range
Accuracy
1000 mV (45 Hz to 400 Hz)
± (1.2 % rdg + 10 dgt)
10 V, 100 V (45 Hz to 500 Hz)
± (1.2 % rdg + 10 dgt)
10 V, 100 V (500 Hz to 2 kHz)
± (2.0 % rdg + 10 dgt)
1000 V (45 Hz to 1 kHz)
± (2.0 % rdg + 10 dgt)
Input Impedance
10 MΩ
Conversion type
True rms, ac coupled 5 % to 100 % of range
Crest factor
≤ 3
OL Protection
1500 V dc or 1000 V ac rms
Transient protection
12 kV impulse (1.2 µS/50 µS) based on EN 61010-1:2001 impulse requirement for at CAT IV 1000 V
product. This product should not be used in installations where transients exceed 12 kV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com