Electronic Components Datasheet Search
  English  ▼

X  

EVB71102 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # EVB71102
Description  315/433MHz Receiver Evaluation Board Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71102 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button EVB71102 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 11Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 12Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 13Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EVB71102
315/433MHz Receiver
Evaluation Board Description
39012 71102 01
Page 13 of 14
EVB Description
Rev. 011
June/07
5
Package Description
The device TH71102 is RoHS compliant.
Fig. 2: LQFP32 (Low profile Quad Flat Package)
All Dimension in mm, coplanaríty < 0.1mm
E1, D1
E, D
A
A1
A2
e
b
c
L
α
min
1.40
0.05
1.35
0.30
0.09
0.45
0°
max
7.00
9.00
1.60
0.15
1.45
0.8
0.45
0.20
0.75
7°
All Dimension in inch, coplanaríty < 0.004”
min
0.055
0.002
0.053
0.012
0.0035
0.018
0°
max
0.276
0.354
0.063
0.006
0.057
0.031
0.018
0.0079
0.030
7°
5.1
Soldering Information
•
The device TH71102 is qualified for MSL3 with soldering peak temperature 260 deg C
according to JEDEC J-STD-2.
1
32
25
17
24
8
9
16
D
D1
E1
e
b
E
A2
A
A1
L
c
0.25
(0.0098)
12° 1°
+
12° 1°
+
.10 (.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com