Electronic Components Datasheet Search
  English  ▼

X  

US340 Datasheet(PDF) 2 Page - EDSYN Inc.

Part # US340
Description  Desoldering Tools & Accessories.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDSYN [EDSYN Inc.]
Direct Link  https://www.edsyn.com/
Logo EDSYN - EDSYN Inc.

US340 Datasheet(HTML) 2 Page - EDSYN Inc.

  US340 Datasheet HTML 1Page - EDSYN Inc. US340 Datasheet HTML 2Page - EDSYN Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS017
Deluxe SOLDAPULLT with SRT12 Tip and ODS31
O-Ring
Specification:
L: 13.0 in. (330.0 mm)
LS197
Static-Safe Replacement Tip for AS196, DS017LS,
US340 and PT409
Specification:
ID: .125 in. (3.2 mm) L: .536 in. (13.6 mm)
SRT12
Standard Replacement Tip for DS017, PT109 and
US140
Specification:
ID: .125 in. (3.2 mm) L: .536 in. (13.6 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com