Electronic Components Datasheet Search
  English  ▼

X  

TH72036 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72036
Description  868/915MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72036 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72036 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PR
EL
IM
INA
RY
TH72036
868/915MHz
FSK/ASK Transmitter
3901072036
Page 1 of 16
Data Sheet
Rev. 005
June/07
EN
top
TH72036
OUT
VEE
VCC
CKDIV
PSEL
FSKDTA
FSKSW
ROI
CKOUT
bottom
2
1
3
4
5
9
10
8
7
6
Features
! Fully integrated PLL-stabilized VCO
! Frequency range from 850 MHz to 930 MHz
! Single-ended RF output
! FSK through crystal pulling allows modulation
from DC to 40 kbit/s
! High FSK deviation possible for wideband data
transmission
! ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
! Wide power supply range from 1.95 V to 5.5 V
! Very low standby current
! Microcontroller clock output
! On-chip low voltage detector
! High over-all frequency accuracy
! FSK deviation and center frequency
independently adjustable
! Adjustable output power range from
-11 dBm to +9.5 dBm
! Adjustable current consumption from
5.5 mA to 13.8 mA
! Conforms to EN 300 220 and similar standards
! 10-pin Quad Flat No-Lead Package (QFN)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH72036
K (-40 °C to 125 °C)
LD (10L QFN 3x3 Dual)
120 pc/tray
5000 pc/T&R
Application Examples
Pin Description
! General digital data transmission
! Tire Pressure Monitoring Systems (TPMS)
! Remote Keyless Entry (RKE)
! Wireless access control
! Alarm and security systems
! Garage door openers
! Remote Controls
! Home and building automation
! Low-power telemetry systems
General Description
The TH72036 FSK/ASK transmitter IC is designed for applications in the European 868 MHz industrial-
scientific-medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be
used for any other system with carrier frequencies ranging from 850 MHz to 930 MHz (e.g. for applications in
the US 902 to 928 MHz ISM band).
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that carrier frequencies, ranging from 850 MHz to 930 MHz, can be
achieved. This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is
the PLL feedback divider ratio.
A clock signal with selectable frequency is provided. It can be used to drive a microcontroller.


Similar Part No. - TH72036

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72036KLD-CAA-000-RE MELEXIS-TH72036KLD-CAA-000-RE Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72036KLD-CAA-000-TU MELEXIS-TH72036KLD-CAA-000-TU Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
More results

Similar Description - TH72036

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
TH72031 MELEXIS-TH72031 Datasheet
516Kb / 20P
868/915MHz FSK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH72031 MELEXIS-TH72031_17 Datasheet
1Mb / 21P
868/915MHz FSK Transmitter
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com