Electronic Components Datasheet Search
  English  ▼

X  

TH72015 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # TH72015
Description  433MHz FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72015 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button TH72015 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 15Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 16Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 17Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 18Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 19Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 20Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
TH72015
433MHz
FSK/ASK Transmitter
39010 72015
Page 20 of 20
Data Sheet
Rev. 008
June/07
10 Disclaimer
1) The information included in this documentation is subject to Melexis intellectual and other property rights.
Reproduction of information is permissible only if the information will not be altered and is accompanied
by all associated conditions, limitations and notices.
2) Any use of the documentation without the prior written consent of Melexis other than the one set forth in
clause 1 is an unfair and deceptive business practice. Melexis is not responsible or liable for such altered
documentation.
3) The information furnished by Melexis in this documentation is provided ’as is’. Except as expressly war-
ranted in any other applicable license agreement, Melexis disclaims all warranties either express, im-
plied, statutory or otherwise including but not limited to the merchantability, fitness for a particular pur-
pose, title and non-infringement with regard to the content of this documentation.
4) Notwithstanding the fact that Melexis endeavors to take care of the concept and content of this docu-
mentation, it may include technical or factual inaccuracies or typographical errors. Melexis disclaims any
responsibility in connection herewith.
5) Melexis reserves the right to change the documentation, the specifications and prices at any time and
without notice. Therefore, prior to designing this product into a system, it is necessary to check with
Melexis for current information.
6) Melexis shall not be liable to recipient or any third party for any damages, including but not limited to
personal injury, property damage, loss of profits, loss of use, interrupt of business or indirect, special in-
cidental or consequential damages, of any kind, in connection with or arising out of the furnishing, per-
formance or use of the information in this documentation.
7) The product described in this documentation is intended for use in normal commercial applications. Ap-
plications requiring operation beyond ranges specified in this documentation, unusual environmental re-
quirements, or high reliability applications, such as military, medical life-support or life-sustaining equip-
ment are specifically not recommended without additional processing by Melexis for each application.
8) Any supply of products by Melexis will be governed by the Melexis Terms of Sale, published on
www.melexis.com.
© Melexis NV. All rights reserved.
For the latest version of this document, go to our website at:
www.melexis.com
Or for additional information contact Melexis Direct:
Europe, Africa:
Americas:
Asia:
Phone: +32 1367 0495
Phone: +1 603 223 2362
Phone: +32 1367 0495
E-mail: sales_europe@melexis.com
E-mail: sales_usa@melexis.com
E-mail: sales_asia@melexis.com
ISO/TS 16949 and ISO14001 Certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com