Electronic Components Datasheet Search
  English  ▼

X  

TH72011 Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # TH72011
Description  433MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72011 Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button TH72011 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 15Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 16Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 17Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 18Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 19Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 20Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TH72011
433MHz
FSK Transmitter
39010 72011
Page 17 of 20
Data Sheet
Rev. 008
June /07
6
Test Circuit
Fig. 18: Test circuit for FSK with 50
Ω matching network
6.1
Test circuit component list to Fig. 18
Part
Size
Value @
433.92 MHz
Tolerance
Description
CM1
0805
5.6 pF
±5%
impedance matching capacitor
CM2
0805
10 pF
±5%
impedance matching capacitor
CM3
0805
82 pF
±5%
impedance matching capacitor
LM
0805
33 nH
±5%
impedance matching inductor, note 2
LT
0805
33 nH
±5%
output tank inductor, note 2
CX1
0805
12 pF
±5%
XOSC capacitor (
Δf = ±28 kHz), note 1
CX2
0805
33 pF
±5%
XOSC capacitor (
Δf = ±28 kHz), note 1
RPS
0805
see section 4.6
±5%
power-select resistor
CB0
1206
220 nF
±20%
de-coupling capacitor
CB1
0805
330 pF
±10%
de-coupling capacitor
XTAL
HC49/S
13.56000 MHz
±30ppm calibr.
±30ppm temp.
fundamental wave crystal,
CL = 12 pF, C0, max = 7 pF, R1 = 60 Ω
Note 1: value depending on crystal parameters
Note 2: for high-power applications high-Q wire-wound inductors should be used
RPS
CX2
XTAL
6
7
8
5
CX1
CM1
LT
CM3
CM2
OUT
LM
CB1
CB0
2 3
1
2
1
23
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com