Electronic Components Datasheet Search
  English  ▼

X  

D2KB05 Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # D2KB05
Description  Single Phase 2.0Amp Glass passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

D2KB05 Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  D2KB05 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. D2KB05 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical junction capacitance (Note 1)
-55 to +150
500
Maximum repetitive peak reverse voltage
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
D3K
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
60.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
55.0
30.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
40
60
80
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
D2KB05~D2KB100
Dimensions in inches and (millimeters)
1.10
100
with heatsink
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
Single Phase 2.0Amp Glass passivated Bridge Rectifiers
I t
Rating for fusing (t=8.3ms, Ta=25 C)
14.9
2
A s
2
20
100
70
100
10
50
35
50
05
Parameter
D2KB
D2KB
D2KB
D2KB
D2KB
D2KB
D2KB
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 1 of 2


Similar Part No. - D2KB05

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
D2KB05 GWSEMI-D2KB05 Datasheet
71Kb / 2P
BR1005 BR101 BR102 BR104 BR106 BR108 BR1010
logo
Bytesonic Electronics C...
D2KB05 BYTESONIC-D2KB05 Datasheet
131Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/3/23
logo
Zibo Seno Electronic En...
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D2KB05 WTE-D2KB05 Datasheet
51Kb / 4P
2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - D2KB05

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G DYELEC-KBP2005G Datasheet
194Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
ABS22 CITC-ABS22 Datasheet
581Kb / 4P
Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com