Electronic Components Datasheet Search
  English  ▼

X  

XP1018-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1018-BD
Description  37.0-42.0 GHz GaAs MMIC Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1018-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1018-BD Datasheet HTML 1Page - Mimix Broadband XP1018-BD Datasheet HTML 2Page - Mimix Broadband XP1018-BD Datasheet HTML 3Page - Mimix Broadband XP1018-BD Datasheet HTML 4Page - Mimix Broadband XP1018-BD Datasheet HTML 5Page - Mimix Broadband XP1018-BD Datasheet HTML 6Page - Mimix Broadband XP1018-BD Datasheet HTML 7Page - Mimix Broadband XP1018-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Amplifier Measurements
Page 2 of 8
37.0-42.0 GHz GaAs MMIC
Power Amplifier
XP1018 Vd1,2,3,4=5.0 V Id1=35 mA, Id2=60 mA, Id3=125 mA,
Id4=245 mA, ~2500 Devices
20
21
22
23
24
25
26
27
28
29
30
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
Max
Median
Mean
-3sigma
XP1018 Vd1,2,3,4=5.0 V Id1=35 mA, Id2=60 mA, Id3=125 mA,
Id4=245 mA, ~2500 Devices
-80
-70
-60
-50
-40
-30
-20
-10
0
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
Max
Median
Mean
-3sigma
XP1018 Vd1,2,3,4=5.0 V Id1=35 mA, Id2=60 mA, Id3=125 mA,
Id4=245 mA, ~2500 Devices
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
Max
Median
Mean
-3sigma
XP1018 Vd1,2,3,4=5.0 V Id1=35 mA, Id2=60 mA, Id3=125 mA,
Id4=245 mA, ~2500 Devices
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
Max
Median
Mean
-3sigma
XP1018-BD: Pout (dBm) vs. freq (GHz) Pin=-5..+5
20
21
22
23
24
25
26
27
36
36.5
37
37.5
38
38.5
39
39.5
40
40.5
41
freq (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 01-Feb-07
P1018-BD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com