Electronic Components Datasheet Search
  English  ▼

X  

GS2A Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # GS2A
Description  2.0Amp Standard Surface Mounted Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

GS2A Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  GS2A Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. GS2A Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-55 to +150
200
Maximum repetitive peak reverse voltage
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note1)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
85.0
30.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
GS2G
GS2J
GS2K
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.0035 ounce, 0.098 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
GS2A~GS2M
1.10
GS2M
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.0Amp Standard Surface Mounted Rectifiers
GS2D
100
70
100
GS2B
50
35
50
Parameter
GS2A
DO-214AA/SMB
Dimensions in inches and (millimeters)
0.087 (2.20)
0.071 (1.80)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)


Similar Part No. - GS2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
GS2A YEASHIN-GS2A Datasheet
105Kb / 2P
SURFACE MOUNT RECTIFIER GLASS P ASSIVATED J UNCTION
logo
SHENZHEN YONGERJIA INDU...
GS2A WINNERJOIN-GS2A Datasheet
167Kb / 2P
Surface Mount Standard Rectifiers
More results

Similar Description - GS2A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK22AL SECOS-SK22AL Datasheet
449Kb / 2P
2.0AMP Surface Mount Schottky Barrier Rectifiers
SK22L SECOS-SK22L Datasheet
409Kb / 3P
2.0AMP Surface Mount Schottky Barrier Rectifiers
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
2.0AMP Surface Mount Schottky Barrier Rectifiers
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
HS2A LUGUANG-HS2A Datasheet
196Kb / 2P
2.0AMP. High Efficient Surface Mount Rectifiers
logo
DIYI Electronic Technol...
ER2A DYELEC-ER2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
ER2AN DYELEC-ER2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
S3MBF RECTRON-S3MBF Datasheet
159Kb / 5P
STANDARD SURFACE MOUNTED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com