Electronic Components Datasheet Search
  English  ▼

X  

PTH12050LAS Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH12050LAS
Description  12 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12050LAS Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH12050LAS Datasheet HTML 1Page - Artesyn Technologies PTH12050LAS Datasheet HTML 2Page - Artesyn Technologies PTH12050LAS Datasheet HTML 3Page - Artesyn Technologies PTH12050LAS Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTH12050 Data Sheet
Figure 2 - Eciency vs Load Current for PTH12050W
Vin = 12 V (See Note B)
Figure 1 - Safe Operating Area for PTH12050W
Vin = 12 V, Output Voltage = 3.3 V (See
Note A)
Figure 4 - Eciency vs Load Current for PTH12050L
Vin = 12 V (See Note B)
Figure 3 - Safe Operating Area for PTH12050L
Vin = 12 V, Output Voltage = 1.8 V (See
Note A)
Figure 5 - Standard Application - All Models
0
1
2
3
45
6
20
30
40
50
60
80
400 LFM
200 LFM
100 LFM
Nat Conv
90
70
OUTPUT CURRENT (A)
RSET 0.5%, 0.1W
(Required)
PTH12050
(Top View)
4
5
1
2
3
6
Auto-track
GND
GND
Vin
Cin100F
(Required) +
Inhibit
+
Cout 100F
(Optional)
Vout
OUTPUT CURRENT (A)
60
65
75
85
80
95
100
0
1
2
3
4
5
6
5.0V
3.3V
2.5V
2.0V
1.8V
Vout
70
90
1.5V
1.2V
0
12
3
45
6
20
30
40
50
60
80
100 LFM
Nat Conv
90
70
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
1.8V
1.5V
1.2V
1.0V
0.8V
50
60
70
80
90
100
0
123
4
5
Vout
6
Characteristic Data
Notes:
A. SOA curves represent the conditions at which internal components are within the Artesyn
derating guidelines.
B. Characteristic data has been developed from actual products tested at 25 °C. This data is
considered typical data for the converter.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com