Electronic Components Datasheet Search
  English  ▼

X  

MLX90277 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90277
Description  Dual Programmable Linear Hall Effect Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90277 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90277 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90277 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MLX90277
Dual Programmable Linear Hall Effect Sensor
3901090277
Page 13 of 21
Data Sheet
Rev 004
Nov/06
The value of TempCo is often determined by the magnet. In the application the TempCo is adjusted to
compensate for the temperature coefficient of the magnet. To adjust the value the look up table is read from
the device. The parameters are then calculated to match the desired value. The Melexis PTC hardware and
software tools contain built in functions for programming the TempCo.
TempCo Range (ppm / °C)
Accuracy (ppm / °C)
0 to 500
± 100
500 to 1200
± 150
1200 to 2000
± 200
Table 12: TempCo Accuracy
Note: The budget error of the whole system, the compensation mismatch (system vs. IC) tolerance should be
taken into consideration during the design. Table 11 is valid for Rough Gain within the specified option code.
See section 10.4 for information on selecting the option code.
10.9 Diagnostic Output Level (FAULTLEV)
The MLX90277 sensors' EEPROM memory content is secured through a parity check. This self-diagnostic
feature brings the output to a defined range in case of a parity error. The parameter, FAULTLEV, is used to
define the parity error diagnostic state. With the FAULTLEV set to 0 a parity error event will result in an
output diagnostic voltage low. With the FAULTLEV set to 1 a parity error event will result in an output
diagnostic voltage high. To get rid of the output load influence the output diagnostic voltage level can be
fixed to either Ground (to be used with pull-down load) or VDD (to be used with pull-up load). Melexis PTC
software and hardware tools have built in functions for calculating and programming the parity.
Note: The MLX90277 sensors' EEPROM is also redundant. Each parameter bit is written in three separate
cells and a “majority voting” is applied to determine its status. A parity error is detected only if two out of the
three cells unexpectedly change state. The bits available for the customer ID are not redundant.
10.10 The EEPROM, Parity and Melexis CRC
The memory cells of the EEPROM are arranged in a table of four columns and one hundred twenty eight
rows. This configuration gives redundancy to the parameters stored in the EEPROM. Each parameter bit is
written in three separate cells in an individual row. A majority voting applied to the three cells determines the
logic status of the bit.
A parameter bit only toggles state in error if two out of three memory cells, within a row, unexpectedly
change. If this happens the feature, PARITY, forces the output voltage to the FAULTLEV diagnostic level.
This ensures the device does not operate with a critical memory fault.
The remaining memory cells are used for data storage. The status of these cells does not effect the device
operation. For example the Customer ID, CUSTID, is stored in this area. Melexis stores the device ID
information, TempCo look-up table and CRC bits in the extra cells. The CRC bits ensure the integrity of the
Melexis data.
Note: To avoid parity and CRC errors, the entire contents of the EEPROM must be read before
programming. Melexis PTC software and hardware tools have built in functions for reading the EEPROM and
handling parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com