Electronic Components Datasheet Search
  English  ▼

X  

PS1518 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PS1518
Description  High Efficiency, Fixed Frequency WLED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1518 Datasheet(HTML) 1 Page - Power IC Ltd.

  PS1518 Datasheet HTML 1Page - Power IC Ltd. PS1518 Datasheet HTML 2Page - Power IC Ltd. PS1518 Datasheet HTML 3Page - Power IC Ltd. PS1518 Datasheet HTML 4Page - Power IC Ltd. PS1518 Datasheet HTML 5Page - Power IC Ltd. PS1518 Datasheet HTML 6Page - Power IC Ltd. PS1518 Datasheet HTML 7Page - Power IC Ltd. PS1518 Datasheet HTML 8Page - Power IC Ltd. PS1518 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
On Board Power MOSFET
Drives up to 8 Series White LEDs
Up to 87% Efficiency
Over 645 KHz Fixed Switching Frequency
Open Load Shutdown
Low 100mV Feedback Voltage
Soft Start/PWM Dimming
UVLO, Thermal Shutdown
Internal Current Limit
Available in 6L-SOT26 and QFN-8 Packages
APPLICATIONS
Cell Phones
Handheld Computers and PDAs.
Digital Still Cameras.
Small LCD Displays
DESCRIPTION
The PS1518 is a step up converter designed for
driving up to 8 series white LEDs from 5V input. The
PS1518 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 100mV feedback voltage reduces
power loss and improves efficiency. The OV pin
monitors the output voltage and turns off the
converter if an over-voltage condition is present due
to an open circuit condition.
The PS1518 includes under-voltage lockout, current
limiting and thermal overload protection preventing
damage in the event of an output overload. The
PS1518 is available in small 6-pin TSOT23.
TYPICAL APPLICATION CIRCUIT
High Efficiency,
Fixed Frequency WLED Driver
PS1518
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PS1518

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS151 PANJIT-PS151 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS151 PANJIT-PS151 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS151 PANJIT-PS151 Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
PS1510 PANJIT-PS1510 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS1510 PANJIT-PS1510 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
More results

Similar Description - PS1518

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
logo
Power IC Ltd.
PIC8518 PICSEMI-PIC8518 Datasheet
127Kb / 2P
High Efficiency, Fixed Frequency WLED Driver
logo
Micrel Semiconductor
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
Asahi Kasei Microsystem...
AP2152 AKM-AP2152 Datasheet
995Kb / 18P
3CH High Power WLED Driver
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
High efficiency constant current limit current WLED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com