Electronic Components Datasheet Search
  English  ▼

X  

PS1541 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PS1541
Description  High Efficiency Step Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS1541 Datasheet(HTML) 1 Page - Power IC Ltd.

  PS1541 Datasheet HTML 1Page - Power IC Ltd. PS1541 Datasheet HTML 2Page - Power IC Ltd. PS1541 Datasheet HTML 3Page - Power IC Ltd. PS1541 Datasheet HTML 4Page - Power IC Ltd. PS1541 Datasheet HTML 5Page - Power IC Ltd. PS1541 Datasheet HTML 6Page - Power IC Ltd. PS1541 Datasheet HTML 7Page - Power IC Ltd. PS1541 Datasheet HTML 8Page - Power IC Ltd. PS1541 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
On Board Power MOSFET
Uses Tiny Capacitor And Inductors
12V at 150mA from 5V input
Up to 92% Efficiency
Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
620KHz Fixed Switching Frequency
Low 1.1V Feedback Voltage
Soft Start
UVLO, Thermal Shutdown
Internal Current Limit
Available in SOT-26 packages.
APPLICATIONS
Cell Phones
Handheld Computers and PDAs.
Camera Phone Flash
Small LCD Displays
Digital Still and Video Cameras
White LED Driver
External Modems
DESCRIPTION
The PS1541 is a current mode step up converter
intended for small, low power applications. The
PS1541 switches over 600KHz and allows the use of
tiny, low cost capacitors and inductors. Internal soft
start results in small inrush current and extends
battery life. The PS1541 operates from an input
voltage as low as 2.5V and can generate 12V at up
to 150mA from a 5V supply.
The PS1541 includes under-voltage lockout, current
limiting and thermal overload protection preventing
damage in the event of an output overload. The
PS1541 is available in small 6-pin SOT-26 package.
TYPICAL APPLICATION CIRCUIT
High Efficiency
Step Up DC/DC Converter
PS1541
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PS1541

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS154 PANJIT-PS154 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS154 PANJIT-PS154 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS154 PANJIT-PS154 Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
PS1545L CHONGQING-PS1545L Datasheet
197Kb / 1P
15.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
PS154R PANJIT-PS154R Datasheet
42Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
More results

Similar Description - PS1541

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com